Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1663CD Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1663CD
Description  SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1663CD Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1663CD Datasheet HTML 3Page - Microsemi Corporation LX1663CD Datasheet HTML 4Page - Microsemi Corporation LX1663CD Datasheet HTML 5Page - Microsemi Corporation LX1663CD Datasheet HTML 6Page - Microsemi Corporation LX1663CD Datasheet HTML 7Page - Microsemi Corporation LX1663CD Datasheet HTML 8Page - Microsemi Corporation LX1663CD Datasheet HTML 9Page - Microsemi Corporation LX1663CD Datasheet HTML 10Page - Microsemi Corporation LX1663CD Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662/62A, LX1663/63A
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1999
Rev. 1.1 11/99
P RODUCTION D ATA S HEET
SS
1
1
INV
2
2
V
CC_CORE
33
VID0
4
4
VID1
5
5
VID2
6
6
VID3
7
7
VID4
8
8
PWRGD
N.C.
9
OV
N.C.
10
C
T
911
V
CC
10
12
BDRV
11
13
GND
12
14
TDRV
13
15
V
C1
14
16
Soft-Start pin, internally connected to the non-inverting input of the error comparator.
Inverting input of the error comparator.
Output voltage. Connected to non-inverting input of the current-sense comparator.
Voltage Identification pin (LSB) input used to set output voltage.
Voltage Identification pin (2nd SB) input.
Voltage Identification pin (3rd SB) input.
Voltage Identification pin (4th SB) input.
Voltage Identification pin (MSB) input. This pin is also the range select pin — when low
(CLOSED), output voltage is set to between 1.30 and 2.05V in 0.05V increments. When high
(OPEN), output is adjusted from 2.0 to 3.5V in 0.1V increments.
Open collector output pulls low when the output voltage is out of limits.
SCR driver goes high when the processor's supply is over specified voltage limits.
The off-time is programmed by connecting a timing capacitor to this pin.
This is the (12V) supply to the IC, as well as gate drive to the bottom FET.
This is the gate drive to the bottom FET. Leave open in non-synchronous operation (when bottom
FET is replaced by a Schottky diode).
Both power and signal ground of the device.
Gate drive for top MOSFET.
This pin is a separate power supply input for the top drive. Can be connected to a charge pump
when only 12V is available.
Pin
LX1662
LX1663
Name
Pin #
Pin #
Description
FUNCTIONAL PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com