Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5510 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5510
Description  InGaP HBT 2.4-2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5510 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5510 Datasheet HTML 1Page - Microsemi Corporation LX5510 Datasheet HTML 2Page - Microsemi Corporation LX5510 Datasheet HTML 3Page - Microsemi Corporation LX5510 Datasheet HTML 4Page - Microsemi Corporation LX5510 Datasheet HTML 5Page - Microsemi Corporation LX5510 Datasheet HTML 6Page - Microsemi Corporation LX5510 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LX5510
PRELIMINARY DATA SHEET
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
 2003
Rev. 0.3g, 2003-05-08
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
I N T E GR A T ED
PRODUCT S
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
≤ T
A ≤ 70°C except where
otherwise noted and the following test conditions: Vc = 3.3V, Vref = 2.85V, Icq = 65mA, TA = 25°C
LX5510
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Frequency Range
f
2.4
2.5
GHz
Power Gain at Pout = 19dBm
Gp
20
dB
EVM at Pout = 19dBm
64QAM / 54Mbps
3.0
%
Total Current at Pout = 19dBm
Ictotal
120
mA
Quiescent Current
Icq
65
mA
Bias Control Reference Current
Iref
For Icq = 65mA
1.2
mA
Small-Signal Gain
S21
20
dB
Gain Flatness
∆S21
Over 100MHz
±0.5
dB
Gain Variation Over
Temperature
∆S21
-40°C to +85°C
TBD
dB
Input Return Loss
S11
10
dB
Output Return Loss
S22
10
dB
Reverse Isolation
S12
-40
dB
Second Harmonic
Pout = 19dBm
-60
dBc
Third Harmonic
Pout = 19dbm
-50
dBc
Noise Figure
NF
TBD
dB
Ramp-On Time
tON
10 ~ 90%
100
ns
Note: All measured data was obtained on a 10mil GETEK evaluation board without heat sink.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com