Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5510 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5510
Description  InGaP HBT 2.4-2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5510 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5510 Datasheet HTML 1Page - Microsemi Corporation LX5510 Datasheet HTML 2Page - Microsemi Corporation LX5510 Datasheet HTML 3Page - Microsemi Corporation LX5510 Datasheet HTML 4Page - Microsemi Corporation LX5510 Datasheet HTML 5Page - Microsemi Corporation LX5510 Datasheet HTML 6Page - Microsemi Corporation LX5510 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LX5510
PRELIMINARY DATA SHEET
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
 2003
Rev. 0.3g, 2003-05-08
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
I N T E GR A T ED
PRODUCT S
DESCRIPTION
The LX5510 is a power amplifier
optimized for WLAN applications in
the 2.4-2.5GHz frequency range. The
PA is implemented as a two-stage
monolithic
microwave
integrated
circuit (MMIC) with active bias and
input/output pre-matching.
The device is manufactured with an
InGaP/GaAs Heterojunction Bipolar
Transistor
(HBT)
IC
process
(MOCVD). With single low voltage
supply of 3.3V 20dB power gain
between
2.4-2.5GHz,
at
a
low
quiescent current of 65mA.
For +19dBm OFDM output power
(64QAM, 54Mbps), the PA provides a
low EVM (Error-Vector Magnitude) of
3.0%, and consumes 120mA total DC
current with the nominal 3.3V bias.
With increased bias of 4.5V EVM is ~
5% at 23dBm.
The LX5510 is available in a 16-pin
3mmx3mm micro-lead package (MLP).
The compact footprint, low profile, and
excellent thermal capability of the MLP
package makes the LX5510 an ideal
solution
for
medium-gain
power
amplifier
requirements
for
IEEE
802.11b/g applications
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Advanced InGaP HBT
2.4 – 2.5GHz Operation
Single-Polarity 3.3V Supply
Low Quiescent Current Icq
~65mA
Power Gain ~20dB @ 2.45GHz
and Pout = 19dBm
Total Current 120mA for Pout =
19dBm @ 2.45GHz OFDM
EVM ~ 3.0% for 64QAM /
54Mbps and Pout = 19dBm
Small Footprint (3x3mm
2)
Low Profile (0.9mm)
APPLI C ATION S
IEEE 802.11b/g
PRODUCT H I GHLIGHT
PACKAGE ORDER
IN FO
LQ
Plastic MLPQ
16 pin
LX5510-LQ
Note: Available in Tape & Reel.
Append the letter “T” to the part number.
(i.e. LX5510-LQT)


Similar Part No. - LX5510

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510BLQ MICROSEMI-LX5510BLQ Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510LQ MICROSEMI-LX5510LQ Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510LQ-TR MICROSEMI-LX5510LQ-TR Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results

Similar Description - LX5510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5516 MICROSEMI-LX5516 Datasheet
118Kb / 3P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier Module
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com