Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5510 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX5510
Description  InGaP HBT 2.4-2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5510 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX5510 Datasheet HTML 1Page - Microsemi Corporation LX5510 Datasheet HTML 2Page - Microsemi Corporation LX5510 Datasheet HTML 3Page - Microsemi Corporation LX5510 Datasheet HTML 4Page - Microsemi Corporation LX5510 Datasheet HTML 5Page - Microsemi Corporation LX5510 Datasheet HTML 6Page - Microsemi Corporation LX5510 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LX5510
PRELIMINARY DATA SHEET
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
 2003
Rev. 0.3g, 2003-05-08
InGaP HBT 2.4 – 2.5 GHz Power Amplifier
I N T E GR A T ED
PRODUCT S
POW E R SWE E P
EVM DATA
Figure 7 – Power Sweep
(Vc = 4.5V, Vref = 2.85V, Icq = 65mA)
0
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
Output Power (dBm)
100
110
120
130
140
150
160
170
180
EVM_PA_ONLY
CURRENT_4.5V
Figure 8 – EVM Data with 54Mbps 64QAM OFDM
(Vc = 4.5V, Vref = 2.85V, Icq =65mA, Frequency =2.45GHz)
ACP DATA
CCK SP ECTRUM
-60
-57.5
-55
-52.5
-50
-47.5
-45
17
18
19
20
21
22
23
24
Output Power (dBm)
ACP_30MHz
Figure 9 – ACP Data with 54Mbps 64QAM OFDM
(Vc = 4.5V, Vref = 2.85V, Icq = 65mA, Frequency = 2.45GHz)
Figure 10 – Spectrum with 23dBm 11Mb/s CCK
(Vc = 4.5V, Vref = 2.85V, Icq = 65mA, Ic = 180mA, Freq = 2.45GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com