Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS7779CM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # QS7779CM
Description  3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7779CM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  QS7779CM Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7779CM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QS7779PM/CM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
3D Stereo Enhancement and 3D Virtual Stereo Surround
with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
OVERVIEW
The QS7779PM/CM is an audio processor IC which
implements a decoder for stereo matrix encoded
source materials such as the Dolby Surround Pro
Logic and mixed DVD (AC
−3) with surround virtu-
alization using QSound
™ technology developed and
licensed by QSound Labs, Inc. This chip produces
enhanced stereo sound for a stereo input signal and if
the input signal contains matrix encoded surround
sound, the chip decodes it and produces 3D virtual-
ized surround sounds with two speakers.
FEATURES
s
Capable of decoding Dolby Surround materials
such as Dolby Pro Logic or other matrix surround
encoded materials (DVD/AC
−3)
s
Virtualized surround sound with two speakers
s
3D stereo sound enhancement
s
Two enhanced levels
s
Parallel and serial digital interface for mode con-
trol
• QS7779CM for I2C 2 control pins serial inter-
face (Data, Clock)
• QS7779PM for three-wire serial interface
(Data, Clock and Strobe)
s
Supply voltage (analog): 5 to 13V
Supply voltage (digital): 4.5 to 5.5V
s
24-pin SSOP packaging
APPLICATIONS
s
DVD, Laser disk player
s
Audio systems including TV, Radio and VCR
s
Computer-based multimedia products, including
sound cards and powered loudspeakers
PINOUT(Top view)
QS7779PM
QS7779CM
Using these products does not require any Dolby certifications.
ORDERING INFORMATION
I2C bus is a registered trademar k of Philips Electronics N.V.
Dolby and the double-D symbol are registered trademar ks of Dolby Laboratories Licensing Corporation.
1
13
24
12
QXAC3
QXAC2
QXAC1
RIN
LIN
COUT
CIN
QXAC4
VCC
QXBC1
QXBC2
QXBC3
QXBC4
ROUT
VREFIN
LOUT
VREFOUT
VREF
GND
SPRD(SCL)
MUTE(STRB)
VDD
P/S
BYP(SDA)
1
13
24
12
QXAC3
QXAC2
QXAC1
RIN
LIN
COUT
CIN
QXAC4
VCC
QXBC1
QXBC2
QXBC3
QXBC4
ROUT
VREFIN
LOUT
VREFOUT
VREF
GND
SPRD(SCL)
MUTE
VDD
P/S
BYP(SDA)
D e vice
P a ck ag e
QS7779PM
24-pin SSOP
QS7779CM
24-pin SSOP


Similar Part No. - QS7779CM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777CF NPC-QS7777CF Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777PF NPC-QS7777PF Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
More results

Similar Description - QS7779CM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
Dolby Pro Logic Surround Decoder
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
DOLBY PRO LOGIC SURROUND DECODER?
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
DOLBY PRO LOGIC SURROUND DECODER
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
Dolby Pro Logic Surround Decoder
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com