Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX043G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MX043G
Description  RADIATION HARDENED SEGR-RESISTANT N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX043G Datasheet(HTML) 4 Page - Microsemi Corporation

  MX043G Datasheet HTML 1Page - Microsemi Corporation MX043G Datasheet HTML 2Page - Microsemi Corporation MX043G Datasheet HTML 3Page - Microsemi Corporation MX043G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100% SCREENING
a.
Internal Visual (Precap) Inspection i.a.w. method 2069 and 2072 of MIL-STD-750
b.
Temperature Cycling i.a.w. method 1051 of MIL-STD-750, 10 cycles, -55
°C to +125°C
c.
Thermal Response i.a.w. method 3161 of MIL-STD-750
d.
High Temperature Gate Bias i.a.w. method 1042 cond.B of MIL-STD-750: 24 hrs at Tambient= 125°C, Drain shorted to Source and
VGS= 16 V
e.
High Temperature Reverse Bias i.a.w. method 1042 cond.A of MIL-STD-750: 24 hrs at Tambient= 125°C, Gate shorted to Source and
VDS= 160 V
f.
Final electrical Testing i.a.w. this data sheet (100% DC parameters @ 25
°C and sample (22/0) testing for dynamic parameters and
DC parameters @ temperature extremes)
QUALIFICATION INSPECTION
a.
Thermal Resistance i.a.w. method 3161 of MIL-STD-750 - sample size= 10 devices/0 rejects
b.
Solderability i.a.w. method 2026 of MIL-STD-750 - sample size= 10 devices/0 rejects
c.
Temperature Cycling i.a.w. method 1051 of MIL-STD-750, 200 cycles, -55
°C to +125°C - sample size 10 devices/0 rejects
d.
Intermittent Operation Life i.a.w. method 1042D of MIL-STD-750 with
∆Tj= 75°C for 2000 cycles (monitoring thermal response
shift) - sample= 25 devices/0 rejects
e.
Steady State Operation Life i.a.w. method 1042A of MIL-STD-750 at Tj= 115
°C min. for 1000 hrs - sample= 25 devices/0 rejects
f.
Steady state Gate Life i.a.w. method 1042B of MIL-STD-750 at Tj= 115
°C min. for 1000 hrs. - sample= 25 devices/0 rejects
g.
Safe Operating Area i.a.w. method 3474 of MIL-STD-750 (monitoring thermal response shift) - sample size= 10 devices/0 rejects
h.
Shock i.a.w. method 2016 of MIL-STD-750 - sample size= 10 devices/0 rejects
i.
Vibration i.a.w. method 2056 of MIL-STD-750 - sample size= 10 devices/0 rejects
j.
Acceleration i.a.w. method 2006 of MIL-STD-750 - sample size= 10 devices/0 rejects
k.
X-ray, one view of the die attach area (Oz axis) - sample= 10 devices/0 rejects
l.
Humidity ????? - sample size= 5 devices/0 rejects



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com