Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX043G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MX043G
Description  RADIATION HARDENED SEGR-RESISTANT N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX043G Datasheet(HTML) 2 Page - Microsemi Corporation

  MX043G Datasheet HTML 1Page - Microsemi Corporation MX043G Datasheet HTML 2Page - Microsemi Corporation MX043G Datasheet HTML 3Page - Microsemi Corporation MX043G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Drain-to-Source Breakdown Voltage
(Gate Shorted to Source)
BVDSS
V GS = 0 V, ID = 1 mA
200
V
Temperature Coefficient of the Drain-to-Source
Breakdown Voltage
∆BV
DSS/∆TJ
tbd
V/
°C
Gate Threshold Voltage
V GS(th)
V DS = VGS, ID = 1 mA,
TJ = 25°C
TJ = 125°C
TJ = -55°C
1.5
0.5
-
4.0
-
5.0
V
V
V
Gate-to-Source Leakage Current
IGSS
V GS = ±20 VDC, VDS = 0
TJ = 25°C
TJ = 125°C
±100
±200
nA
Drain-to-Source Leakage Current (Zero Gate
Voltage Drain Current)
IDSS
V DS =0.8•
BVDSS
TJ = 25°C
V GS = 0 V
TJ = 125°C
25
250
µA
µA
Static Drain-to-Source On-State Resistance (1)
RDS(on)
V GS= 12V, ID= 28A
TJ = 25°C
ID= 25A
TJ = 125°C
0.043
-
0.050
0.093
Ω
Ω
Forward Transconductance (1)
gfs
V DS ≥ 10 V; ID = 50 A
26
32
S
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Ciss
Coss
Crss
V GS = 0 V, VDS = 25 V, f = 1 MHz
4400
900
280
pF
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Td(on)
tr
td(off)
tf
V GS = 12 V, VDS = 100 V,
ID = 44 A, RG = 2.35 Ω
40
95
100
25
ns
Total Gate Charge
Gate-to-Source Charge
Gate-to-Drain (Miller) Charge
Qg(on)
Qgs
Qgd
V GS = 12 V, VDS = 100V, ID = 44 A
160
30
83
180
38
93
nC
Body Diode Forward Voltage (1)
V SD
IF = IS, VGS = 0 V
0.6
-
1.8
V
Reverse Recovery Time (Body Diode)
trr
IF = 10 A, -di/dt = 100 A/µs,
TJ =25 °C
560
ns
Electrical Parameters @ 25
°C (unless otherwise specified)
MX043J
MX043G
Mechanical Outline
ShelFit™



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com