Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX043G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MX043G
Description  RADIATION HARDENED SEGR-RESISTANT N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX043G Datasheet(HTML) 1 Page - Microsemi Corporation

  MX043G Datasheet HTML 1Page - Microsemi Corporation MX043G Datasheet HTML 2Page - Microsemi Corporation MX043G Datasheet HTML 3Page - Microsemi Corporation MX043G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• Harris FSC260R die
• total dose: 100 kRAD(Si) within pre-radiation parameter limits
• dose rate: 3 x 109RAD(Si)/sec @ 80%BV
DSS typical
• dose rate: 2 x 1012RAD(Si)/sec @ ID ≤IDM typical
• neutron: 1013 neutrons/cm2 within pre-radiation parameter limits
• photocurrent: 17 nA/RAD(Si)/sec typical
• rated Safe Operating Area Curve for Single event Effects
• rugged polysilicon gate cell structure with ultrafast body diode
• low inductance surface mount power package available with “J-leads”
(MX043J) or “gullwing-leads” (MX043G)
• very low thermal resistance
• reverse polarity available upon request add suffix “R”st
MX043J
MX043G
200 Volts
44 Amps
50 m
Ω
DESCRIPTION
SYMBOL
MAX.
UNIT
Drain-to-Source Breakdown Voltage (Gate Shorted to Source)
@ TJ ≥ 25°C
BVDSS
200
Volts
Drain-to-Gate Breakdown Voltage @ T
J ≥ 25°
C, RGS= 1 MΩ
BVDGR
200
Volts
Continuous Gate-to-Source Voltage
VGS
+/-20
Volts
Transient Gate-to-Source Voltage
VGSM
+/-30
Volts
Continuous Drain Current
Tj= 25
°C
Tj= 100
°C
ID25
ID100
44
28
Amps
Peak Drain Current, pulse width limited by TJmax
IDM
132
Amps
Repetitive Avalanche Current
IAR
44
Amps
Repetitive Avalanche Energy
EAR
tbd
mJ
Single Pulse Avalanche Energy
EAS
tbd
mJ
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Continuous Source Current (Body Diode)
IS
44
Amps
Pulse Source Current (Body Diode)
ISM
132
Amps
Thermal Resistance, Junction to Case
θ
JC
0.25
°C/W
Weight
-
grams
SINGLE EVENT
Ion Species
typical LET (MeV/mg/cm)
typical range (
µ)
VGS
VDSmax
EFFECTS
Ni
26
43
-20V
200V
SAFE
Br
37
36
-5V
200V
OPERATING
Br
37
36
-10V
160V
AREA
Br
37
36
-15V
100V
(SEESOA)
Br
37
36
-20V
40V
Maximum Ratings @ 25
°C (unless otherwise
specified)
Datasheet# MSC0857
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
RADIATION
HARDENED
SEGR-RESISTANT
N-CHANNEL
ENHANCEMENT
MODE
POWER MOSFET
Notes
(1)
Pulse test, t
≤ 300 µ s, duty cycle δ≤ 2%
(2)
Microsemi Corp. does not manufacture the mosfet die; contact company for details.


Similar Part No. - MX043G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MX040-20 MICROSEMI-MX040-20 Datasheet
38Kb / 2P
ELP EXTRA LOW PROFILE STANDARD RECTIFIER
More results

Similar Description - MX043G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSGS230R INTERSIL-FSGS230R Datasheet
78Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
June 2000
FSGYC260R INTERSIL-FSGYC260R Datasheet
82Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
May 2000
FSGYE230R INTERSIL-FSGYE230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
May 2000
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com