Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBA1 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHBA1
Description  1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA1 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHBA1 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev C
DCHBA1 SERIES
1 Watt
Medical Isolated DC/DC Converters
Non-Regulated Single and Dual Outputs
10/20/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 7
DCHBA1-15S33H6
15VDC
(13.5~16.5VDC)
3.3VDC
303mA
150mVp-p Max.
25mA
93mA
1W
3300µF
76%
DCHBA1-15S05H6
5VDC
200mA
91mA
2200µF
78%
DCHBA1-15S72H6
7.5VDC
140mA
91mA
1000µF
78%
DCHBA1-15S09H6
9VDC
111mA
88mA
1000µF
80%
DCHBA1-15S12H6
12VDC
84mA
88mA
470µF
81%
DCHBA1-15S15H6
15VDC
66mA
85mA
470µF
82%
DCHBA1-24S33H6
24VDC
(21.6~26.4VDC)
3.3VDC
303mA
150mVp-p Max.
20mA
58mA
1W
3300µF
76%
DCHBA1-24S05H6
5VDC
200mA
57mA
2200µF
78%
DCHBA1-24S72H6
7.5VDC
140mA
57mA
1000µF
78%
DCHBA1-24S09H6
9VDC
111mA
54mA
1000µF
80%
DCHBA1-24S12H6
12VDC
84mA
55mA
470µF
81%
DCHBA1-24S15H6
15VDC
66mA
53mA
470µF
82%
Dual Output Models
Model Number
Input Voltage
Range
Output Voltage Output Current
Ripple & Noise
Input Current
Output
Power
Maximum
Capacitive Load
Efficiency
No Load
Full Load
DCHBA1-5D33H6
5VDC
(4.5~5.5VDC)
±3.3VDC
±151mA
150mVp-p
35mA
281mA
1W
±2200µF
75%
DCHBA1-5D05H6
±5VDC
±100mA
271mA
±1000µF
78%
DCHBA1-5D72H6
±7.2VDC
±70mA
273mA
±470µF
78%
DCHBA1-5D09H6
±9VDC
±55mA
264mA
±470µF
79%
DCHBA1-5D12H6
±12VDC
±41mA
259mA
±220µF
80%
DCHBA1-5D15H6
±15VDC
±33mA
258mA
±220µF
81%
DCHBA1-12D33H6
12VDC
(10.8~13.2VDC)
±3.3VDC
±151mA
150mVp-p
30mA
117mA
1W
±2200µF
75%
DCHBA1-12D05H6
±5VDC
±100mA
113mA
±1000µF
78%
DCHBA1-12D72H6
±7.2VDC
±70mA
114mA
±470µF
78%
DCHBA1-12D09H6
±9VDC
±55mA
110mA
±470µF
79%
DCHBA1-12D12H6
±12VDC
±41mA
108mA
±220µF
80%
DCHBA1-12D15H6
±15VDC
±33mA
108mA
±220µF
81%
DCHBA1-15D33H6
15VDC
(13.5~16.5VDC)
±3.3VDC
±151mA
150mVp-p
25mA
94mA
1W
±2200µF
75%
DCHBA1-15D05H6
±5VDC
±100mA
91mA
±1000µF
78%
DCHBA1-15D72H6
±7.2VDC
±70mA
91mA
±470µF
78%
DCHBA1-15D09H6
±9VDC
±55mA
88mA
±470µF
79%
DCHBA1-15D12H6
±12VDC
±41mA
87mA
±220µF
80%
DCHBA1-15D15H6
±15VDC
±33mA
86mA
±220µF
81%
DCHBA1-24D33H6
24VDC
(21.6~26.4VDC)
±3.3VDC
±151mA
150mVp-p
20mA
59mA
1W
±2200µF
75%
DCHBA1-24D05H6
±5VDC
±100mA
57mA
±1000µF
78%
DCHBA1-24D72H6
±7.2VDC
±70mA
57mA
±470µF
78%
DCHBA1-24D09H6
±9VDC
±55mA
55mA
±470µF
79%
DCHBA1-24D12H6
±12VDC
±41mA
54mA
±220µF
80%
DCHBA1-24D15H6
±15VDC
±33mA
54mA
±220µF
81%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
5.5
V
12VDC nominal input models
10.8
12
13.2
15VDC nominal input models
13.5
15
16.5
24VDC nominal input models
21.6
24
26.4
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Nominal Vin and Full Load
±5
%
Line Regulation
For Vin charge of 1%
±1.5
%
Load Regulation
10% Load to Full Load
3.3V & 5V Models
15
%
All other models
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com