Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBA1 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCHBA1
Description  1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA1 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCHBA1 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev C
DCHBA1 SERIES
1 Watt
Medical Isolated DC/DC Converters
Non-Regulated Single and Dual Outputs
10/20/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
Voltage Balance
Dual Output
1
%
Output Power
1
W
Output Current
See Table
Minimum Load
0
A
Maximum Capacitive Load
See Table
Ripple & Noise (20MHz bandwidth)
150
mVp-p
PROTECTION
Short Circuit Protection
1 Second
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Temperature
+95
ºC
Relative Humidity
95
% RH
Reliability, calculated MTBF
2,000,000
Hours
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
Nominal Input and Full Load
See Table
Switching Frequency
80
kHz
Isolation Voltage
Input to Output
Test duration 1 second
6400
VDC
Isolation Resistance
500VDC
15
G
Ω
Isolation Capacitance
10
pF
PHYSICAL SPECIFICATIONS
Weight
0.15oz (4.3g) typ.
Dimensions (L x W x H)
0.77in x 0.50in x 0.39in
(19.5mm x 12.5mm x 9.8mm)
Case Material
Plastic (UL94 V-0)
Potting Material
Epoxy (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC 60950-1
EN 60950-1
IEC 60601-1
EN60601-1
NOTES
(1)
For 8KVDC I/O isolation replace the “H6” suffix in the model number with “H8” (Ex. DCHBA1-12S12H8)
(2)
For each output.
(3)
Typical value tested at nominal input and full load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com