Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCHBA1 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCHBA1
Description  1 Watt Medical Isolated DC - DC Converters Non-Regulated Single and Dual Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBA1 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCHBA1 Datasheet HTML 1Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 2Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 3Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 4Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 5Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 6Page - Wall Industries,Inc. DCHBA1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev C
DCHBA1 SERIES
1 Watt
Medical Isolated DC/DC Converters
Non-Regulated Single and Dual Outputs
10/20/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 7
Size: 0.77in x 0.50in x 0.39in (19.5mm x 12.5mm x 9.8mm)
OPTIONS
FEATURES
• 8kVDC Reinforced Isolation
• Output Voltage
• Input Voltage
• Single or Dual output
• 5, 12, 15, & 24VDC Nominal Input Voltages
• 1 Watt Output Power
• RoHS Compliant
• No Minimum Load Requirement
• Non-Regulated Single and Dual Outputs
• 7-Pin SIP Package: 0.77” x 0.50” x 0.39”
• High Efficiency up to 82%
• -40ºC to +85ºC Operating Temperature Range
• 6.4KVDC I/O Isolation
• Optional 8KVDC I/O Isolation Available (Suffix “H8”)
• MTBF: 2,000,000 hours
• IEC 60950-1, EN 60950-1, IEC 60601-1 and EN 60601-1
Medical Approvals
APPLICATIONS
DESCRIPTION
• Battery Operated Equipment
• Measurement Equipment
• Telecom
• Wireless Networks
• Industry Control Systems
The DCHBA1 series of isolated medical DC/DC power converters provides 1 Watt of continuous output
power in a 0.77” x 0.50” x 0.39” 7-pin SIP package. This series consists of non-regulated single and dual
output models with 5, 12, 15, and 24VDC nominal input voltages. Some features include high efficiency up
to 82%, 6.4KVDC I/O isolation (8KVDC optional), -40°C to +85°C operating temperature range, and no
minimum load requirement. The DCHBA1 series is RoHS and UL94V-0 compliant. These converters have
IEC 60950-1, EN 60950-1, IEC 60601-1 and EN 60601-1 medical approvals and are best suited for use in
battery operated equipment, measurement equipment, telecom, wireless networks, industry control
systems, and anywhere where isolated and compact size are required.
MODEL SELECTION TABLE
Single Output Models
Model Number(1)
Input Voltage
Range
Output Voltage
Output Current
@Full Load
Ripple & Noise
Input Current
Output
Power
Maximum
Capacitive Load(2)
Efficiency(3)
No Load
Full Load
DCHBA1-5S33H6
5VDC
(4.5~5.5VDC)
3.3VDC
303mA
150mVp-p Max.
35mA
278mA
1W
3300µF
76%
DCHBA1-5S05H6
5VDC
200mA
271mA
2200µF
78%
DCHBA1-5S72H6
7.5VDC
140mA
273ma
1000µF
78%
DCHBA1-5S09H6
9VDC
111mA
263mA
1000µF
80%
DCHBA1-5S12H6
12VDC
84mA
262mA
470µF
81%
DCHBA1-5S15H6
15VDC
66mA
253mA
470µF
82%
DCHBA1-12S33H6
12VDC
(10.8~13.2VDC)
3.3VDC
303mA
150mVp-p Max.
30mA
116mA
1W
3300µF
76%
DCHBA1-12S05H6
5VDC
200mA
113mA
2200µF
78%
DCHBA1-12S72H6
7.5VDC
140mA
114mA
1000µF
78%
DCHBA1-12S09H6
9VDC
111mA
110mA
1000µF
80%
DCHBA1-12S12H6
12VDC
84mA
110mA
470µF
81%
DCHBA1-12S15H6
15VDC
66mA
106mA
470µF
82%


Similar Part No. - DCHBA1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBA1 WALL-DCHBA1 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-12D05H6 WALL-DCHBA1-12D05H6 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-12D09H6 WALL-DCHBA1-12D09H6 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-12D12H6 WALL-DCHBA1-12D12H6 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCHBA1-12D15H6 WALL-DCHBA1-12D15H6 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
More results

Similar Description - DCHBA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Wall Industries,Inc.
DCHBA2 WALL-DCHBA2 Datasheet
593Kb / 7P
2 Watts Medical Isolated DC - DC Power Converter Non-Regulated Single and Dual Outputs
logo
Astrodyne Corporation
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30_16 Datasheet
189Kb / 3P
Isolated and Regulated 30 WATT Modular DC/DC Converters
logo
Wall Industries,Inc.
DCHBA1 WALL-DCHBA1_18 Datasheet
647Kb / 7P
1 Watt Medical Isolated DC/DC Converters Non-Regulated Single and Dual Outputs
DCHBA2 WALL-DCHBA2_18 Datasheet
594Kb / 7P
2 Watts Medical Isolated DC/DC Power Converter Non-Regulated Single & Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com