Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3845B Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3845B
Description  Current Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845B Datasheet(HTML) 3 Page - ON Semiconductor

  CS3845B Datasheet HTML 1Page - ON Semiconductor CS3845B Datasheet HTML 2Page - ON Semiconductor CS3845B Datasheet HTML 3Page - ON Semiconductor CS3845B Datasheet HTML 4Page - ON Semiconductor CS3845B Datasheet HTML 5Page - ON Semiconductor CS3845B Datasheet HTML 6Page - ON Semiconductor CS3845B Datasheet HTML 7Page - ON Semiconductor CS3845B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Electrical Characteristics: continued
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
8L PDIP & SO
14L SO
1
1
COMP
Error amp output, used to compensate error amplifier
23
VFB
Error amp inverting input
3
5
Sense
Noninverting input in Current Sense Comparator
4
7
OSC
Oscillator timing network with Capacitor to Gnd, resistor
to VREF
5
9
Gnd
Ground
610
VOUT
Output drive pin
712
VCC
Positive power supply
814
VREF
Output of 5V internal reference
8
Pwr Gnd
Output driver Gnd
11
VCC Pwr
Output driver positive supply
2, 4, 6, 13
NC
No Connection
s Total Standby Current
Start-Up Current
300
500
µA
Operating Supply Current
VFB = VSense = 0V RT = 10kΩ, CT = 3.3nF
11
17
mA
VCC Zener Voltage
ICC=25mA
34
V
s PWM Section
Maximum Duty Cycle
46
48
50
%
Minimum Duty Cycle
0%
s Under-Voltage Lockout Section
Start Threshold
7.8
8.4
9.0
V
Min. Operating Voltage
After Turn On
7.0
7.6
8.2
V
Notes:
1. These parameters, although guaranteed, are not 100% test-
ed in production.
2. Parameter measured at trip point of latch with VFB=0
3. Gain defined as: A =
; 0
≤ V
Sense ≤ 0.8V.
∆V
COMP
∆V
Sense



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com