Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3845B Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3845B
Description  Current Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845B Datasheet(HTML) 4 Page - ON Semiconductor

  CS3845B Datasheet HTML 1Page - ON Semiconductor CS3845B Datasheet HTML 2Page - ON Semiconductor CS3845B Datasheet HTML 3Page - ON Semiconductor CS3845B Datasheet HTML 4Page - ON Semiconductor CS3845B Datasheet HTML 5Page - ON Semiconductor CS3845B Datasheet HTML 6Page - ON Semiconductor CS3845B Datasheet HTML 7Page - ON Semiconductor CS3845B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Undervoltage Lockout
During Undervoltage Lockout (Figure 1), the output driv-
er is biased to sink minor amounts of current. The output
should be shunted to ground with a resistor to prevent
activating the power switch with extraneous leakage cur-
rents.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current (Figure
2). An increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed-forward characteristic of current mode control, since
the control voltage does not have to change during
changes of input supply voltage.
When the power supply sees a sudden large output cur-
rent increase, the control voltage will increase allowing
the duty cycle to momentarily increase. Since the duty
cycle tends to exceed the maximum allowed to prevent
transformer saturation in some power supplies, the inter-
nal oscillator waveform provides the maximum duty cycle
clamp as programmed by the selection of OSC compo-
nents.
Circuit Description
Test Circuit
VREF
VCC
VOUT
1k
Ω
1W
0.1
µF
0.1
µF
VREF
VCC
VOUT
Gnd
VFB
Sense
OSC
COMP
5k
Ω
100k
Ω
4.7k
Ω
1k
Ω
Error Amp
Adjust
4.7k
Ω
Sense
Adjust
RT
2N2222
CT
Gnd
A
CS3845B
VCC
VON
8.4V
VOFF
7.6V
CSX845B
ON/OFF Command
to reset of IC
<15mA
<1mA
VON VOFF
ICC
VCC
Figure 1: Startup voltage for CS3845B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com