Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3845B Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS3845B
Description  Current Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3845B Datasheet(HTML) 1 Page - ON Semiconductor

  CS3845B Datasheet HTML 1Page - ON Semiconductor CS3845B Datasheet HTML 2Page - ON Semiconductor CS3845B Datasheet HTML 3Page - ON Semiconductor CS3845B Datasheet HTML 4Page - ON Semiconductor CS3845B Datasheet HTML 5Page - ON Semiconductor CS3845B Datasheet HTML 6Page - ON Semiconductor CS3845B Datasheet HTML 7Page - ON Semiconductor CS3845B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Optimized for Off-line Use
s
Temperature
Compensated Oscillator
s
50% Maximum Duty-cycle
Clamp
s
Low Start-up Current
(500µA max)
s
Pulse-by-pulse Current
Limiting
s
Undervoltage Active Pull
Down
s
Double Pulse Suppression
s
1% Trimmed Bandgap
Reference
s
High Current Totem Pole
Output
Package Options
Current Mode PWM Control Circuit
with 50% Max Duty Cycle
CS3845B
Description
Block Diagram
Absolute Maximum Ratings
1
COMP
2
3
4
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8
7
6
5
8 Lead PDIP & SO
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14 Lead SO Narrow
December, 2001 - Rev. 7
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS3845B provides all the neces-
sary features to implement off-line
fixed frequency current-mode control
with a minimum number of external
components.
The CS3845B incorporates a precision
temperature-controlled oscillator to
minimize variations in frequency. An
internal toggle flip-flop, which blanks
the output off every other clock cycle,
ensures that the duty-cycle never
exceeds 50%. The undervoltage lock-
out feature ensures that VREF is stabi-
lized within specification before the
output stage is enabled. The CS3845B
has been optimized for lower start up
current (500µA max).
Other features include 1% trimmed
band gap reference, pulse-by-pulse
current limiting, and a high-current
totem pole output for driving capaci-
tive loads.
Supply Voltage (ICC<30mA) ..........................................................Self Limiting
Supply Voltage (Low Impedance Source)...................................................30V
Output Current ...............................................................................................±1A
Output Energy (Capacitive Load) .................................................................5µJ
Analog Inputs (VFB, VSENSE) ..........................................................–0.3V to 5.5V
Error Amp Output Sink Current...............................................................10mA
Lead Temperature Soldering
Wave Solder (through hole styles only) ..........10 sec. max, 260°C peak
Reflow (SMD styles only) ...........60 sec. max above 183°C, 230°C peak
VCC
Gnd
COMP
OSC
Sense
VREF
VREF
Undervoltage
Lockout
Internal
Bias
S
R
PWM
Latch
Current
Sensing
Comparator
R
2 R
1V
Error
Amplifier
-
+
2.50V
Set/
Reset
VCC Undervoltage Lock-out
34V
R
R
VFB
VCC Pwr
VOUT
Pwr Gnd
Oscillator
Toggle
Flip-Flop
5.0 Volt
Reference
8.4V/7.6V
NOR


Similar Part No. - CS3845B

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3845B CHERRY-CS3845B Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
CS3845BGD14 CHERRY-CS3845BGD14 Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
CS3845BGD8 CHERRY-CS3845BGD8 Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
CS3845BGDR14 CHERRY-CS3845BGDR14 Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
CS3845BGDR8 CHERRY-CS3845BGDR8 Datasheet
149Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 11/19/98
More results

Similar Description - CS3845B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com