Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPF
Description  Metal Film Resistors, Industrial Power, Precision, Flameproof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPF Datasheet(HTML) 2 Page - Vishay Siliconix

  CPF Datasheet HTML 1Page - Vishay Siliconix CPF Datasheet HTML 2Page - Vishay Siliconix CPF Datasheet HTML 3Page - Vishay Siliconix CPF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPF
www.vishay.com
Vishay Dale
Revision: 11-Sep-13
2
Document Number: 31021
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rated voltage
DIMENSIONS
Note
(2) Lead length for product in bulk pack. For product supplied in
tape and reel, the actual lead length would be based on the body
size, tape spacing and lead trim.
Note
• Surface temperatures were taken with an infrared pyrometer in
+25 °C still air. Resistors were supported by their leads in test
clips at a point 0.500" (12.70 mm) out from the resistor body
ends.
TEMPERATURE COEFFICIENT CODES
GLOBAL TC CODE
HISTORICAL TC CODE
TEMPERATURE COEFFICIENT
E
T-9
25 ppm/°C
H
T-2
50 ppm/°C
K
T-1
100 ppm/°C
L
T-0
150 ppm/°C
N
T-00
200 ppm/°C
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPF1
CPF2
CPF3
Rated Dissipation at 70 °C
W
1
2
3
Limiting Element Voltage (1)
V
250
350
500
Insulation Voltage
Veff
900
900
900
Thermal Resistance
K/W
85
60
50
Insulation Resistance
1010
Category Temperature Range
°C
-65 °C/+230 °C
P x R
L
1 max.
L
D
1.50 ± 0.125 (2)
(38.10 ± 3.18)
d
250
200
150
100
50
0
THERMAL RESISTANCE
0
1
2
345
APPLIED POWER IN W
CPF1
CPF2
CPF3
GLOBAL
MODEL
DIMENSIONS in inches (millimeters)
LD
L1 max.
d
CPF1
0.240 ± 0.020
(6.10 ± 0.51)
0.090 ± 0.008
(2.29 ± 0.20)
0.310
(7.87)
0.025 ± 0.002
(0.64 ± 0.05)
CPF2
0.344 ± 0.031
(8.74 ± 0.79)
0.145 ± 0.015
(3.68 ± 0.38)
0.425
(10.80)
0.032 ± 0.002
(0.81 ± 0.05)
CPF3
0.555 ± 0.041
(14.10 ± 1.04)
0.180 ± 0.015
(4.57 ± 0.381)
0.650
(16.51)
0.032 ± 0.002
(0.81 ± 0.05)
DERATING
120
100
80
60
40
20
0
- 55
- 25
0
30
60
90
120
150
180
210
240
AMBIENT TEMP. IN °C
70
MATERIAL SPECIFICATIONS
Element
Proprietary nickel-chrome alloy
Core
Cleaned high purity ceramic
Coating
Special high temperature conformal coat
Termination
Standard lead material is solder-coated
Solderable and weldable per
MIL-STD-1276, Type C
MECHANICAL SPECIFICATIONS
Terminal Strength
2 pound pull test
Solderability
Continuous satisfactory coverage
when tested in accordance with
MIL-STD-202, Method 208



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com