Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CPF
Description  Metal Film Resistors, Industrial Power, Precision, Flameproof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPF Datasheet(HTML) 3 Page - Vishay Siliconix

  CPF Datasheet HTML 1Page - Vishay Siliconix CPF Datasheet HTML 2Page - Vishay Siliconix CPF Datasheet HTML 3Page - Vishay Siliconix CPF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPF
www.vishay.com
Vishay Dale
Revision: 11-Sep-13
3
Document Number: 31021
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Temperature Coefficient: T00 = 200 ppm, T0 = 150 ppm, T1 = 100 ppm, T2 = 50 ppm, T9 = 25 ppm
CPF1, CPF2, CPF3: (5 lines)
DALE
Manufacturer’s name
CPF-1
Style and size
49.9 k
Value
1 % T2
Tolerance and TC
1208
4-digit date code
PERFORMANCE
TEST
MAX.
R (TYPICAL TEST LOTS)
Thermal Shock
± 1.0 %
Short Time Overload
± 0.5 %
Low Temperature Operation
± 0.5 %
Moisture Resistance
± 1.5 %
Resistance to Soldering Heat
± 0.5 %
Shock
± 0.5 %
Vibration
± 0.5 %
Terminal Strength
± 0.5 %
Dielectric Withstanding Voltage
± 0.5 %
Life
± 2.0 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com