Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPF
Description  Metal Film Resistors, Industrial Power, Precision, Flameproof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPF Datasheet(HTML) 1 Page - Vishay Siliconix

  CPF Datasheet HTML 1Page - Vishay Siliconix CPF Datasheet HTML 2Page - Vishay Siliconix CPF Datasheet HTML 3Page - Vishay Siliconix CPF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPF
www.vishay.com
Vishay Dale
Revision: 11-Sep-13
1
Document Number: 31021
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, Industrial Power, Precision, Flameproof
FEATURES
• High power rating, small size
• Flameproof, high temperature coating
• Special filming and coating processes
• Excellent high frequency characteristics
•Low noise
• Low voltage coefficient
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Note
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
Note
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
MAXIMUM WORKING
VOLTAGE (1)
V
POWER RATING
P70 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CPF1
CPF-1
250
1
5 to 150K
0.1, 0.25, 0.5, 1
25
5 to 150K
0.1, 0.25, 0.5, 1, 2, 5
50
1 to 150K
0.5, 1, 2, 5
100
0.5 to 150K
1, 2, 5
150
0.5 to 150K
1
200
0.1 to 150K
2, 5
200
CPF2
CPF-2
350
2
5 to 150K
0.1, 0.25, 0.5, 1
25
5 to 150K
0.1, 0.25, 0.5, 1, 2, 5
50
1 to 150K
0.5, 1, 2, 5
100
0.5 to 150K
1, 2, 5
150
0.5 to 150K
1
200
0.1 to 150K
2, 5
200
CPF3
CPF-3
500
3
8 to 150K
0.1, 0.25, 0.5, 1
25
8 to 150K
0.1, 0.25, 0.5, 1, 2, 5
50
1 to 150K
0.5, 1, 2, 5
100
1 to 150K
1, 2, 5
150
1 to 150K
1
200
0.1 to 150K
2, 5
200
GLOBAL PART NUMBER INFORMATION
P x R
GLOBAL MODEL
TOLERANCE
CODE
CPF1
B = ± 0.1 %
E = 25 ppm
E14 = Lead (Pb)-free, bulk
E36 = Lead(Pb)-free, T/R (full)
EE6 = Lead (Pb)-free,
T/R (1000 pieces)
B14 = Tin/lead, bulk
R36 = Tin/lead, T/R (full)
RE6 = Tin/lead, T/R (1000 pieces)
CPF2
R =
Ω
K = k
Ω
R10000 = 0.1
Ω
10R000 = 10
Ω
150K00 = 150 k
Ω
C = ± 0.25 %
H = 50 ppm
CPF3
D = ± 0.5 %
K = 100 ppm
F = ± 1 %
L = 150 ppm
1 to 999
G = ± 2 %
N = 200 ppm
J = ± 5 %
New Global Part Numbering: CPF1562R00FKR36 (preferred part numbering format)
C
P
F1
5
6
2
R
00
F
K
R
3
6
Historical Part Number example: CPF-15620FT-1 R36 (will continue to be accepted)
6
3
R
1
-
T
F
0
2
6
5
1
-
F
P
C
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
Blank = Standard
(Up to 3 digits)
SPECIAL
(Dash Number)
From
as applicable
PACKAGING
RESISTANCE VALUE
TEMPERATURE
COEFFICIENT


Similar Part No. - CPF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CPF TEC-CPF Datasheet
300Kb / 9P
Thin Film Precision Resistors
CPF TEC-CPF Datasheet
1Mb / 16P
Passive Components
August 2007
CPF-A TEC-CPF-A Datasheet
745Kb / 6P
Automotive Grade Thin Film Chip Resistor
CPF-A-0603B2K4E1 TEC-CPF-A-0603B2K4E1 Datasheet
744Kb / 6P
Automotive Grade Thin Film Chip Resistor
CPF-A-0805B25KE1 TEC-CPF-A-0805B25KE1 Datasheet
744Kb / 6P
Automotive Grade Thin Film Chip Resistor
More results

Similar Description - CPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com