Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 2 Page - ON Semiconductor

Part # REF3012
Description  High Precision Low Drift CMOS Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

REF3012 Datasheet(HTML) 2 Page - ON Semiconductor

  REF3012 Datasheet HTML 1Page - ON Semiconductor REF3012 Datasheet HTML 2Page - ON Semiconductor REF3012 Datasheet HTML 3Page - ON Semiconductor REF3012 Datasheet HTML 4Page - ON Semiconductor REF3012 Datasheet HTML 5Page - ON Semiconductor REF3012 Datasheet HTML 6Page - ON Semiconductor REF3012 Datasheet HTML 7Page - ON Semiconductor REF3012 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
http://onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Output Voltage
Marking
Package
Shipping †
REF3012TB−GT3
1.25 V
S3YM
SOT−23
3000 / Tape & Reel
REF3020TB−GT3
2.048 V
REF3025TB−GT3
2.5 V
REF3030TB−GT3
3.0 V
REF3033TB−GT3
3.3 V
REF3040TB−GT3 (Note 1)
4.096 V
1. Contact factory for availability of these and other custom voltages.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 2)
Rating
Value
Unit
VIN
6.5
V
Storage Temperature Range
−55 to +125
_C
Junction Temperature Range
+150
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package.
Table 3. RECOMMENDED OPERATING CONDITIONS
Rating
Value
Unit
Temperature Range
−40 to +85
_C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com