Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 4 Page - ON Semiconductor

Part # REF3012
Description  High Precision Low Drift CMOS Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

REF3012 Datasheet(HTML) 4 Page - ON Semiconductor

  REF3012 Datasheet HTML 1Page - ON Semiconductor REF3012 Datasheet HTML 2Page - ON Semiconductor REF3012 Datasheet HTML 3Page - ON Semiconductor REF3012 Datasheet HTML 4Page - ON Semiconductor REF3012 Datasheet HTML 5Page - ON Semiconductor REF3012 Datasheet HTML 6Page - ON Semiconductor REF3012 Datasheet HTML 7Page - ON Semiconductor REF3012 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Unit 3
Figure 2. Output Voltage vs. Temperature
Figure 3. Output Voltage vs. Supply Voltage
(No Load)
TEMPERATURE (°C)
85
60
35
10
−15
−40
1.2492
1.2494
1.2496
1.2498
1.2502
1.2504
1.2506
1.2508
Figure 4. Line Regulation over Temperature
Figure 5. Load Regulation over Temperature
Unit 1
Unit 2
1.2500
INPUT VOLTAGE (V)
5.5
4.5
4.0
3.5
3.0
2.5
1.2498
1.2499
1.2500
1.2501
1.2502
Unit 3
Unit 1
Unit 2
5.0
INPUT VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
−25
0
25
50
+85°C
+25°C
−40°C
OUTPUT CURRENT (mA)
10
5
0
−5
−10
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
+85°C
+25°C
−40°C
SINKING
SOURCING
Figure 6. Power−Supply Rejection Ratio vs.
Frequency
FREQUENCY (Hz)
100 k
10 k
1 k
100
10
1
−90
−80
−70
−50
−40
−30
−10
0
−60
−20
No Load
1 nF Load
10 nF Load
100 nF Load
1 M
Figure 7. Output Impedance vs. Frequency
FREQUENCY (Hz)
100 k
10 k
1 k
100
10
1
0
20
40
60
80
100
120
160
140
No Load
1 nF Load
10 nF Load
100 nF Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com