Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 3 Page - ON Semiconductor

Part # REF3012
Description  High Precision Low Drift CMOS Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

REF3012 Datasheet(HTML) 3 Page - ON Semiconductor

  REF3012 Datasheet HTML 1Page - ON Semiconductor REF3012 Datasheet HTML 2Page - ON Semiconductor REF3012 Datasheet HTML 3Page - ON Semiconductor REF3012 Datasheet HTML 4Page - ON Semiconductor REF3012 Datasheet HTML 5Page - ON Semiconductor REF3012 Datasheet HTML 6Page - ON Semiconductor REF3012 Datasheet HTML 7Page - ON Semiconductor REF3012 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REF3012, REF3020, REF3025, REF3030, REF3033, REF3040
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS
(VIN = 3.0 V, IOUT = 0 mA, COUT = 0.001 mF, −40°C to +85°C unless specified otherwise.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
REF3012
REF3020
REF3025
REF3030 (VIN = 5.0 V)
REF3033 (VIN = 5.0 V)
REF3040 (VIN = 5.0 V)
Vout
1.2475
2.044
2.495
2.994
3.294
4.088
1.250
2.048
2.500
3.000
3.300
4.096
1.2525
2.052
2.505
3.006
3.306
4.104
V
Output Voltage Accuracy
−0.2
+0.2
%
Output Voltage Noise (Note 3)
f = 0.1 Hz to 10 Hz
50
mVp−p
Line Regulation
2.7 V ≤ VIN ≤ 5.5 V
30
100
mV/V
Output voltage temp Drift
−40°C ≤ TA ≤ +85°C
dVOUT/dT
20
50
ppm/°C
Long−Term Stability (Note 3)
0−1000 h
50
ppm
Load Regulation
VIN = 3 V
0 mA < ILOAD < 10 mA
−10 mA < ILOAD < 0 mA
dVOUT/
dILOAD
100
150
250
350
mV/mA
Thermal Hysteresis (Note 3)
ΔTA = 125°C
dT
100
ppm
Dropout Voltage
VOUT = 2.5 V
VIN − VOUT
1
2.5
mV
Short−Circuit Current (Note 3)
TA = 25°C
OUT pin shorted to GND
OUT pin shorted to IN
ISC
50
20
60
40
mA
Turn On Settling Time
To 0.1% at VIN = 5 V with CL = 0
2
ms
Power Supply Voltage
IL = 0
VS
2.7
5.5
V
Supply Current
IL = 0
IQ
30
mA
Temperature Range
Specified Range
Operating Range
Storage Range
−40
−40
−55
+85
+85
+125
°C
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com