Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  ACE9030 Datasheet HTML 1Page - Mitel Networks Corporation ACE9030 Datasheet HTML 2Page - Mitel Networks Corporation ACE9030 Datasheet HTML 3Page - Mitel Networks Corporation ACE9030 Datasheet HTML 4Page - Mitel Networks Corporation ACE9030 Datasheet HTML 5Page - Mitel Networks Corporation ACE9030 Datasheet HTML 6Page - Mitel Networks Corporation ACE9030 Datasheet HTML 7Page - Mitel Networks Corporation ACE9030 Datasheet HTML 8Page - Mitel Networks Corporation ACE9030 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ACE9030
3
PIN DESCRIPTIONS
The relevant supplies (V
DD) and grounds (VSS) for each circuit function are listed.
All V
DD and VSS pins should be used.
Pin No.
Name
Description
VDD
VSS
1
AMPO2
LF amplifier 2 output.
VDDA
VSSA
2
RXCD
Receive carrier detect (ADC1 comparator) output.
VDDL
VSSL
3
LATCHC
Synthesiser programme enable input.
VDDL
VSSL
4
LATCHB
Radio interface programme enable input.
VDDL
VSSL
5
DATA
Serial data; programming input, results output.
VDDL
VSSL
6
CL
Clock input for programming bus and for I.F. sampling.
VDDL
VSSL
7
AFCOUT
Output from AFC amplifier after sampling.
VDDL
VSSL
8
AUDIO
Output from f.m. discriminator after filtering.
VDDA
VSSA
9
BP
Feedback input to audio bandpass filter.
VDDA
VSSA
10
AFCIN
Input to AFC amplifier and f.m. discriminator.
VDDL
VSSL
11
IREF
Bias current input for radio interface, connect setting resistor to ground.
–
VSSA
12
VSSL
Ground for radio interface logic.
–
–
13
VDDL
Power supply to radio interface logic.
–
–
14
CLK8
Output clock at 8·064 MHz, locked to crystal.
VDDL
VSSL
15
C8B
8·064 MHz oscillator charge pump output and control voltage input.
VDDA
VSSA
16
VDDSUB2
Second connection for clean positive supply to bias substrate.
VDDA
VSSA
17
CIN2
Connection for crystal oscillator.
VDDL
VSSL
18
CIN1
Connection for crystal oscillator.
VDDL
VSSL
19
DOUT2
Digital control output 2.
VDDL
VSSL
20
DAC1
Analog control output 1.
VDDA
VSSA
21
DAC2
Analog control output 2.
VDDA
VSSA
22
DOUT8
Digital control output 8.
VDDA
VSSA
23
ADC5
Analog to digital converter input 5.
VDDA
VSSA
24
ADC3B
Analog to digital converter input 3B.
VDDA
VSSA
25
ADC3A
Analog to digital converter input 3A.
VDDA
VSSA
26
ADC1
Analog to digital converter input 1.
VDDA
VSSA
27
LO2
Output from crystal frequency multiplier.
VDDA
VSSA
28
VSSA
Ground for radio interface analog parts.
–
–
29
VDDA
Power supply to radio interface analog parts.
–
–
30
DOUT1
Digital control output 1.
VDDX
–
31
VDDX
Power supply to DOUT1 and DOUT2 switches.
–
–
32
DOUT0
Digital control output 0.
VDDX
–
33
VDDD
Power supply to synthesisers, except input buffers and the bandgap.
–
–
34
RSC
Fractional-N compensation bias current, resistor to ground.
–
VSSSA
35
DECOUP
Bandgap reference decoupling capacitor connection.
VDDSA
VSSSA
36
RSMA
Bias current for synthesiser charge pumps, resistor to ground.
–
VSSSA
37
PDP
Main synthesiser proportional charge pump output.
VDDD
VSSD
38
PDI
Main synthesiser integral charge pump output.
VDDD
VSSD
39
VSSD
Ground for synthesisers, except input buffers and the bandgap.
–
–
40
FIM
Main synthesiser positive input from prescaler.
VDDSA
VSSSA
41
FIMB
Main synthesiser negative input from prescaler.
VDDSA
VSSSA
42
VSSSA
Ground for FIM and FIA input buffers and the bandgap.
–
–
43
VDDSA
Power for FIM and FIA input buffers and the bandgap.
–
–
44
FIA
Auxiliary synthesiser positive input from VCO.
VDDSA
VSSSA
45
FIAB
Auxiliary synthesiser negative input from VCO.
VDDSA
VSSSA
46
DOUT7
Digital control output 7.
VDDD
VSSD
47
DOUT6
Digital control output 6.
VDDD
VSSD
48
DOUT5
Digital control output 5.
VDDD
VSSD
49
MODMP
Modulus control output to prescaler - positive sense.
VDDD
VSSD
50
MODMN
Modulus control output to prescaler - negative sense.
VDDD
VSSD
51
TEST
Test input and output for synthesisers.
VDDD
VSSD
52
PDA
Auxiliary synthesiser charge pump output.
VDDD
VSSD
53
VDDSUB
Clean positive supply to bias substrate.
–
–
54
DOUT3
Digital control output 3.
VDDL
VSSL
55
DOUT4
Digital control output 4.
VDDL
VSSL
56
AMPP2
LF amplifier 2 positive input.
VDDA
VSSA
57
AMPN2
LF amplifier 2 negative input.
VDDA
VSSA
58
DAC3
Analog control output 3.
VDDL
VSSL
59
AMPP1
LF amplifier 1 positive input.
VDDA
VSSA
60
AMPN1
LF amplifier 1 negative input.
VDDA
VSSA
61
AMPO1
LF amplifier 1 output.
VDDA
VSSA
62
ADC2A
Analog to digital converter input 2A.
VDDA
VSSA
63
ADC2B
Analog to digital converter input 2B.
VDDA
VSSA
64
ADC4
Analog to digital converter input 4.
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com