Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030 Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button ACE9030 Datasheet HTML 31Page - Mitel Networks Corporation ACE9030 Datasheet HTML 32Page - Mitel Networks Corporation ACE9030 Datasheet HTML 33Page - Mitel Networks Corporation ACE9030 Datasheet HTML 34Page - Mitel Networks Corporation ACE9030 Datasheet HTML 35Page - Mitel Networks Corporation ACE9030 Datasheet HTML 36Page - Mitel Networks Corporation ACE9030 Datasheet HTML 37Page - Mitel Networks Corporation ACE9030 Datasheet HTML 38Page - Mitel Networks Corporation ACE9030 Datasheet HTML 39Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
ACE9030
35
division will be 495 for a 14·85 MHz crystal; the term f
CRYSTAL is
used to refer to the exact crystal frequency in the following
calculations.
Thus Main synthesiser (nominally 915·030 MHz) gener-
ates:
f
CRYSTAL x 30501 ÷ 495 = fCRYSTAL x 61·61818182
This result is independant of the chosen comparison fre-
quency which is given above as an illustration only.
With this drive to the first mixer the actual first I.F.
(nominally 45 MHz) is:
f
CRYSTAL x 61·61818182 – 870·030 MHz
The second mixer is required to downconvert 45 MHz to
450 kHz so needs an LO2 at 44·550 MHz which is 3
∞ f
CRYSTAL
and this integer multiplication is the reason for choosing a
14·85 MHz crystal. This mixer operates with low-side injection
so the actual second I.F. on the AFCIN pin (nominally
450 kHz) is:
f
CRYSTAL x 61·61818182 – 870·030 MHz – 3 ∞ fCRYSTAL
=f
CRYSTAL x 58·61818182 – 870·030 MHz
This signal feeds the F.M. discriminator to extract the
modulation and is also used to derive the AFC information.
The AFC mixer uses a 504 kHz clock derived from the
crystal (f
CRYSTAL ∞ 504 ÷ 14850 = fCRYSTAL ∞ 0·03393939) to high-
side downconvert AFCIN to a low frequency on AFCOUT,
giving:
(f
CRYSTAL x 0·03393939) –
(f
CRYSTAL x 58·61818182 – 870·030 MHz).
This is 870·030 MHz – f
CRYSTAL x 58·58424243 and is the
difference between two large but similar numbers, one fixed
and the other a multiple of f
CRYSTAL and will have an overall value
strongly dependent on f
CRYSTAL .
To evaluate the sensitivity of the system consider a
+ 1 ppm change in crystal frequency, giving AFCOUT at
53·130 kHz instead of its nominal at 54 kHz, a shift of 870 Hz
or 1·61 %. This frequency can be counted in the
microcontroller using a timebase derived from f
CRYSTAL or any
other crystal reference as the error in the timebase due to the
crystal is swamped by the changes in AFCOUT.
The counting of AFCOUT should be over a period long
enough to resolve changes of around 1 % which means at
least 2 ms but is normally a little longer to filter off some noise
and modulation on the signal; around 10 ms is a good starting
value for system development.
Once the crystal error has been estimated the DAC’s
controlling the crystal frequency can be adjusted to bring the
whole cellular terminal into frequency alignment with the
basestation which is normally assumed to be very accurately
held at the correct frequency; effects like Doppler shift will be
significantly less than 1 ppm for all intended users. Some
damping in the control loop for the crystal will be needed to
avoid overshoot and hunting, possibly implemented as always
under-correcting the crystal or by limiting the slew rate of the
corrections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com