Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9030 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # ACE9030
Description  Radio Interface and Twin Synthesiser
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9030 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  ACE9030 Datasheet HTML 1Page - Mitel Networks Corporation ACE9030 Datasheet HTML 2Page - Mitel Networks Corporation ACE9030 Datasheet HTML 3Page - Mitel Networks Corporation ACE9030 Datasheet HTML 4Page - Mitel Networks Corporation ACE9030 Datasheet HTML 5Page - Mitel Networks Corporation ACE9030 Datasheet HTML 6Page - Mitel Networks Corporation ACE9030 Datasheet HTML 7Page - Mitel Networks Corporation ACE9030 Datasheet HTML 8Page - Mitel Networks Corporation ACE9030 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
ACE9030
Fig.4 Typical VDD local decoupling networks without series resistors
Fig.5 Typical VDD local decoupling networks with series resistors
ABSOLUTE MAXIMUM RATINGS
Supply voltage from ground
– 0·3 V to + 6·0 V
(any V
DD to any VSS)
Supply voltage difference
– 0·3 V to + 0·3 V
(any V
DD to any other VDD)
Input voltage
V
SS – 0·3 V to VDD + 0·3 V
(any input pin to its local V
SS and VDD)
Output voltage
V
SS – 0·3 V to VDD + 0·3 V
(any output pin to its local V
SS and VDD)
Storage temperature
– 55
°C to + 150 °C
Operating temperature
– 40
°C to + 85 °C
tions V
DDSUB and VDDSUB2 must be the most positive of all VDD’s
at all times including during power on and off ramping. As the
current taken through these V
DD’s is significantly less than
through the other V
DD’s this requirement can be easily met by
directly connecting all V
DD pins to a common point on the
circuit board but with the decoupling capacitors distributed to
minimise cross-talk caused by common mode currents. If low
value series resistors are to be included in the V
DD connec-
tions, with decoupling capacitors by the ACE9030 pins to
further reduce interference, the V
DDSUB and VDDSUB2 pins should
not have such a resistor in order to guarantee that their
voltage is not slowed down at power-on. Power switches to
DOUT0 and DOUT1 are supplied from V
DDX and are specified
for a total current of up to 40 mA so any resistor in the V
DDX
connection must be very low, around 1
Ω, in order to avoid
excessive voltage drop; it is recommended that this supply
has no series resistor. These two methods are shown in circuit
diagrams, figures 4 and 5. In both circuits the main V
DD must
also have good decoupling.
These are not the operating conditions, but are the
absolute limits which if exceeded even momentarily may
cause permanent damage. To ensure sustained correct op-
eration the device should be used within the limits given under
Electrical Characteristics.
To avoid any possibility of latch-up the substrate connec-
Main VDD
VDDSUB
VDDSUB2
VDDL
VDDA
VDDX
VDDD
VDDSA
VDDSUB
VDDSUB2
VDDL
VDDA
VDDX
VDDD
VDDSA
Main VDD
No Resistor
No Resistor
Very
Small



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com