Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF699 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MF699
Description  Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF699 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MF699 Datasheet HTML 1Page - Mitel Networks Corporation MF699 Datasheet HTML 2Page - Mitel Networks Corporation MF699 Datasheet HTML 3Page - Mitel Networks Corporation MF699 Datasheet HTML 4Page - Mitel Networks Corporation MF699 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
24
Applications
• Ethernet 10 or 100Mbps
• Token Ring
• Fibre Channel 266Mbps
• FDDI
• ATM-SDH/SONET 155Mbps
• Intra-Office Telecom
• WDM Applications
Features
• Full Duplex Communication
Over One Fiber
• Dual Wavelengths
820/1300nm
• Very Small Size
• Very Low Internal Crosstalk
• Packaged in Industry-
Standard ST® Receptacle
• Designed for 62.5/125µm
Fiber
Description
Used in combination with the
MF799, the MF699 Duplex
Device is designed for WDM
(Wavelength Division Multiplex),
Datacom, Video Links, or Intra-
Office Telecom Applications. It
emits optical power at 1320nm
and detects incoming optical
power at 820nm, allowing full
Duplex Communication over
one single fiber.
The MF699 uses dichroic
(wavelength-selective)
beamsplitters for maximum
power budget and minimum
crosstalk. Minimum internal
crosstalk is achieved with
wavelength-selective detectors.
The long wavelength path meets
requirements for FDDI (ANSI
X3T9.5) and ATM 155Mbps.
The MF699 is designed for
multi-mode fiber and optimized
for 62.5/125µm fiber.
MF699 ST
ST Assembly
DICHROIC
BEAMSPLITTER
LED
1320nm
PIN
1320nm
LED
820nm
PIN
820nm
FIBER
MF799
MF699
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
ANODE
ANODE
CATHODE
ANODE
CATHODE
BOTTOM VIEW
ANODE
CATHODE
Ordering Information
PART #
RECEPTACLE
MF699
ST
-40°C to +85°C
13330.11 1997-04-01
MF699 Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
MF699 Functional Diagram


Similar Part No. - MF699

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Riedon Powertron
MF60 RIEDON-MF60 Datasheet
237Kb / 1P
Film Resistors
logo
List of Unclassifed Man...
MF600SWI ETC-MF600SWI Datasheet
119Kb / 11P
Mirco Filter For ADSL CPE Side
MF601F ETC-MF601F Datasheet
99Kb / 10P
Mirco Filter For ADSL CPE Side
logo
Mitsubishi Electric Sem...
MF601G2-02BJXX MITSUBISHI-MF601G2-02BJXX Datasheet
145Kb / 18P
2.5 Flash Drive
More results

Similar Description - MF699

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
High-Performance LED(Datacom, Intra-Office Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
MF799 MITEL-MF799 Datasheet
180Kb / 5P
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com