Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88435AS-PI Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88435AS-PI
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AS-PI Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88435AS-PI Datasheet HTML 1Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 2Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 3Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 4Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 5Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MH88435-P
Preliminary Information
2-40
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
NB1
Network Balance 1. External passive components must be connected between this pin
and NB2.
2
NB2
Network Balance 2. External passive components must be connected between this pin
and NB1.
3
VR+
Differential Receive (Input). Analog input from modem/fax chip set.
4
VR-
Differential Receive (Input). Analog input from modem/fax chip set.
5VX
Transmit (Output). Ground referenced (AGND) output to modem/fax chip set, biased at
+2.0V.
6LC
Loop Control (Input). A logic 1 applied to this pin activates internal circuitry which
provides a DC termination across Tip and Ring. This pin is also used for dial pulse
application.
7ZA
Line Impedance. Connect impedance matching components from this pin to Ground
(AGND).
8
AGND
Analog Ground. 4-Wire ground. Connect to earth.
9VCC
Positive Supply Voltage. +5V.
10
VBIAS
Internal Reference Voltage. +2.0V reference voltage. This pin should be decoupled
externally to AGND, typically with a 10
µF 6.3V capacitor.
11
LOOP
Loop (Output). The output voltage on this pin is proportional to the line voltage across Tip
- Ring, scaled down by a factor of 50.
12,
14,
17,
20,
23,
26
IC
Internal Connection. No connection should be made to this pin externally.
13
RS
Ringing Sensitivity. Connecting a link or resistor between this pin and LOOP (pin 11) will
vary the ringing detection sensitivity of the module.
15
LCD
Loop Condition Detect (Output). Indicates the status of loop current.
16
RV
Ringing Voltage Detect (Output). The RV output indicates the presence of a ringing
voltage applied across the Tip and Ring leads.
IC
IC
LC
IC
TIP
AGND
RING
RV
ZA
VX
VR-
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VR+
NB1
NB2
VBIAS
LOOP
IC
RS
IC
VLOOP1
VLOOP2
IC
NP
NP
LCD
SC
SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com