Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88435AS-PI Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88435AS-PI
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AS-PI Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88435AS-PI Datasheet HTML 1Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 2Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 3Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 4Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 5Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2-39
Features
•
FAX and Modem interface V.34(33k6)
•
Externally programmable line and network
balance impedances
•
Programmable DC termination characteristics
•
IEC950 recognised component
•
Transformerless 2-4 Wire conversion
•
Integral Loop Switch
•
Dial Pulse and DTMF operation
•
Accommodates parallel phone detection
•
Line state detection outputs:-
loop current/ringing voltage/line voltage
•
Single +5V operation, low on-hook power
(35mW)
•
Full duplex voice and data transmission
•
On-Hook reception from the line
•
Approvable to UL1950
•
Industrial temperature range available
Applications
Interface to Central Office or PABX line for:
•
FAX/Modem (including software modems)
•
Electronic Point of Sale
•
Security System
•
Telemetry
•
Set Top Boxes
Description
The Mitel MH88435 Data Access Arrangement
(D.A.A.) provides a complete interface between
audio
or
data
transmission
equipment
and
a
telephone line. All functions are integrated into a
single thick film hybrid module which provides high
voltage isolation, very high reliability and optimum
circuit design, needing a minimum of external
components.
The impedance and network balance are externally
programmable,
as
are
the
DC
termination
characteristics, making the device suitable for most
countries worldwide.
Figure 1 - Functional Block Diagram
Opto-
Isolation
Logic Input
Buffer
Isolation
Isolation
Isolation
Analog
Buffer
Analog
Buffer
Buffer
THL cancellation
impedance
matching circuit
Isolation Barrier
VCC
AGND
LC
VR+
VX
RV
TIP
RING
User Connections
Network Connections
Input Buffer
&
Ring & Loop
Line Termination
VLOOP2
VR-
NB1
NB2
LOOP
LCD
ZA
RS
VBIAS
and line
VLOOP1
DS5132
ISSUE 8
July 1999
Package Information
MH88435AD-P
28 Pin DIL Package
MH88435AS-P
28 Pin SM Package
0
°C to +70°C
MH88435AS-PI
28 Pin SM Package
MH88435AD-PI
28 Pin DIL Package
-40
°C to +85°C
MH88435-P
Data Access Arrangement
Preliminary Information


Similar Part No. - MH88435AS-PI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435AD-P MITEL-MH88435AD-P Datasheet
141Kb / 5P
Data Access Arrangement
More results

Similar Description - MH88435AS-PI

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
Optical Data Access Arrangement I.C.
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
LITELINK??II Silicon Data Access Arrangement (DAA) IC
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com