Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88435AS-PI Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88435AS-PI
Description  Data Access Arrangement Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88435AS-PI Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88435AS-PI Datasheet HTML 1Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 2Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 3Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 4Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 5Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88435AS-PI Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Information
MH88435-P
2-43
R7 = 30 k
Ω x (Desired Threshold Voltage - 10Vrms)
Therefore, 300k k
Ω gives ~ 20Vrms and 600k kΩ
gives ~ 30Vrms
An AC ringing voltage across Tip and Ring will cause
RV to output TTL pulses at the ringing frequency,
with an envelope determined by the ringing cadence.
Parallel Phone and Dummy Ringer
An external parallel phone or dummy ringer circuit
can be connected across Tip and Ring as shown in
Figure 5.
A dummy ringer is an AC load which
represents a telephone’s mechanical ringer.
In normal circumstances when a telephone is on-
hook and connected to the PSTN, its AC (Ringer)
load is permanently presented to the network. This
condition is used by many PTT’s to test line
continuity by placing a small AC current onto the line
and measuring the voltage across tip (A) and ring
(B).
Today’s telecom equipment may not have an AC load
present across tip and ring (e.g. modems), therefore
any testing carried out by the PTT will see an open
circuit across tip and ring. In this instance the PTT
assumes that the line continuity has been damaged.
To overcome this problem many PTT’s specify that a
"Dummy Ringer" is presented to the network at all
times.
Ideally its impedance should be neglible in
the audio band, and high at the ringing frequencies
(e.g. 25Hz).
Note that the requirement for the
"Dummy Ringer" is country specific.
Parallel phone detection is used mostly in set-top
box applications.
This is when a modem call will
need to be disconnected from the central office by
the equipment when the parallel phone is in the off-
hook state. This is so that a call can be made to the
emergency services.
To detect this state, additional circuitry will be
required and can be found in the application note,
MSAN-154.
2-4 Wire Conversion
The device converts the balanced 2-Wire input,
presented by the line at Tip and Ring, to a ground
referenced signal at VX, biased at 2.0V. This
simplifies the interface to a modem chip set.
Conversely, the device converts the differential signal
input at VR+ and VR- to a balanced 2-Wire signal
across Tip and Ring. The device can also be used in
a single ended mode at the receive input, by leaving
VR+ open circuit and connecting the input signal to
VR- only. Both inputs are biased at 2.0V.
During full duplex transmission, the signal at Tip and
Ring consists of both the signal from the device to
the line and the signal from the line to the device.
The signal input at VR+ and VR- being sent to the
line, must not appear at the output VX. In order to
prevent this, the device has an internal cancellation
circuit.
The
measure
of
this
attenuation
is
Transhybrid Loss (THL).
The MH88435 has the ability to transmit analog
signals from Tip and Ring through to VX when on-
hook. This can be used when receiving caller line
identification information.
Transmit Gain
The Transmit Gain of the MH88435 is the gain from the
differential signal across Tip and Ring to the ground
referenced signal at VX. The internal Transmit Gain of
the device is fixed as shown in the AC Electrical
Characteristics table. For the correct gain, the Input
Impedance of the MH88435, must match the specified
line impedance.
By adding an external potential divider to VX, it is
possible to reduce the overall gain in the application.
The output impedance of VX is approximately 10
Ω and
the minimum resistance from VX to ground should be
2k
Ω.
Example: If R3 = R4 = 2k
Ω, in Figure 5, the overall
gain would reduce by 6.0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com