Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA0204HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMA0204HT
Description  Professional High Temperature MELF Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA0204HT Datasheet(HTML) 2 Page - Vishay Siliconix

  MMA0204HT Datasheet HTML 1Page - Vishay Siliconix MMA0204HT Datasheet HTML 2Page - Vishay Siliconix MMA0204HT Datasheet HTML 3Page - Vishay Siliconix MMA0204HT Datasheet HTML 4Page - Vishay Siliconix MMA0204HT Datasheet HTML 5Page - Vishay Siliconix MMA0204HT Datasheet HTML 6Page - Vishay Siliconix MMA0204HT Datasheet HTML 7Page - Vishay Siliconix MMA0204HT Datasheet HTML 8Page - Vishay Siliconix MMA0204HT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMA 0204 HT Professional
www.vishay.com
Vishay Beyschlag
Revision: 08-Jul-15
2
Document Number: 28780
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•
Resistance ranges printed in bold are preferred TCR / tolerance combinations.
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
HIGH TEMPERATURE
Rated dissipation, P70
MMA 0204 HT
0.25 W
0.4 W
0.5 W
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
-55 °C to 175 °C
Permissible film temperature,
F max.
125 °C
155 °C
175 °C
Max. resistance change at P70
for resistance range,
R/R after:
MMA 0204 HT
47
 to 100 k
1000 h
 0.10 %
 0.15 %
 0.25 %
8000 h
 0.15 %
 0.35 %
-
225 000 h
 1.0 %
-
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
MMA 0204 HT
± 50 ppm/K
± 1 %
47
 to 100 k
E24; E96
± 0.5 %
47
 to 100 k
E24; E192
± 25 ppm/K
± 1 %
47
 to 100 k
E24; E96
± 0.5 %
47
 to 100 k
E24; E192
Jumper
-
 10 m, I
max. = 3 A
-
PACKAGING
TYPE / SIZE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
MMA 0204 HT
B3 = BL
3000
Antistatic blister
tape acc. 60286-3
Type 2a
8 mm
4 mm
180 mm/7"
B0
10 000
330 mm/13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MMA0204TD5620DB300
Part Number: MMA0204TZ0000ZB300
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MMA0204
T = HT
D = ± 25 ppm/K
C = ± 50 ppm/K
Z = jumper
3 digit value
1 digit multiplier
Multiplier
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
Z = jumper
B3
B0
Product Description: MMA 0204 - 25 0.5 % HT BL 562R
Product Description: MMA 0204 HT BL 0R0
MMA
0204
- 25
0.5 %
HT
BL
562R
MMA
0204
-
-
HT
BL
0R0
TYPE
SIZE
TCR
TOLERANCE
VERSION
PACKAGING
RESISTANCE
MMA
0204
± 25 ppm/K
± 50 ppm/K
± 0.5 %
± 1 %
HT = high temperature
BL
B0
562R = 562
0R0 = jumper
M
M
A
0
2
0
4
T
D
5
6
2
0
D
B
3
0
0
M
M
A
0
2
0
4
T
Z
0
0
0
0
Z
B
3
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com