Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA0204HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMA0204HT
Description  Professional High Temperature MELF Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA0204HT Datasheet(HTML) 3 Page - Vishay Siliconix

  MMA0204HT Datasheet HTML 1Page - Vishay Siliconix MMA0204HT Datasheet HTML 2Page - Vishay Siliconix MMA0204HT Datasheet HTML 3Page - Vishay Siliconix MMA0204HT Datasheet HTML 4Page - Vishay Siliconix MMA0204HT Datasheet HTML 5Page - Vishay Siliconix MMA0204HT Datasheet HTML 6Page - Vishay Siliconix MMA0204HT Datasheet HTML 7Page - Vishay Siliconix MMA0204HT Datasheet HTML 8Page - Vishay Siliconix MMA0204HT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMA 0204 HT Professional
www.vishay.com
Vishay Beyschlag
Revision: 08-Jul-15
3
Document Number: 28780
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Production is strictly controlled and follows an extensive
set of instructions established for reproducibility. A
homogeneous film of metal alloy is deposited on a high
grade ceramic body (Al2O3) and conditioned to achieve the
desired
temperature
coefficient.
Nickel
plated
steel
termination caps are firmly pressed on the metallised rods.
A special laser is used to achieve the target value by
smoothly cutting a helical groove in the resistive layer
without damaging the ceramics. The resistor elements are
covered by a protective coating designed for electrical,
mechanical and climatic protection. The terminations
receive a final pure tin on nickel plating. Four or five color
code rings designate the resistance value and tolerance in
accordance with IEC 60062 (1).
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual resistors. This includes pulse load screening (for R
 10 ) and additional non-linearity screening (for R  30 )
for the elimination of products with a potential risk of early
life failures according to EN 140401-803, 2.1.2.2. Only
accepted products are laid directly into the blister tape in
accordance with IEC 60286-3, Type II (1) or bulk case in
accordance with IEC 60286-6 (2).
ASSEMBLY
The resistors are suitable for processing on automatic SMD
assembly systems. They are suitable for automatic
soldering using wave, reflow or vapor phase as shown in
IEC 61760-1 (1). Solderability is specified for 2 years
after production or requalification, however, excellent
solderability is proven after extended storage in excess of
10 years. The permitted storage time is 20 years.
The resistors are completely lead (Pb)-free, the pure tin
plating provides compatibility with lead (Pb)-free soldering
processes. The immunity of the plating against tin whisker
growth has been proven under extensive testing.
The encapsulation is resistant to all cleaning solvents
commonly used in the electronics industry, including
alcohols, esters and aqueous solutions. The suitability of
conformal coatings, if applied, shall be qualified by
appropriate means to ensure the long-term stability of the
whole system.
All
products
comply
with
the
IEC 62474,
Material
Declaration for Products of and for the Electrotechnical
Industry.
The dedicated database (2), that list declarable substances,
ensures full compliance with the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
use
of
Hazardous
Substances Directive (RoHS)
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Solderability is specified for 2 years after production or
requalification. The permitted storage time is 20 years.
APPROVALS
The resistors are approved within the IECQ-CECC Quality
Assessment System for Electronic Components to the detail
specification EN 140401-803 which refers to EN 60115-1,
EN 140400 and the variety of environmental test procedures
of the IEC 60068 (1) series.
Conformity is attested by the use of the CECC logo (
) as
the mark of conformity on the package label.
Vishay
Beyschlag
has
achieved
“Approval
of
Manufacture” in accordance with IEC QC 001002-3,
clause 2. The release certificate for “Technology Approval
Schedule” in accordance with CECC 240001 based on
IEC QC 001002-3, clause 6 is granted for the Vishay
Beyschlag manufacturing process.
The resistors are qualified according to AEC-Q200.
RELATED PRODUCTS
A wider range of TCR, tolerance and resistance values, plus
the option of values from a different E series is available with
products approved to EN 140401-803, Version A, without
established reliability, nominal failure rate level E0 (Quality
factor
Q = 3). See the datasheets:
• “Professional MELF Resistors”
(www.vishay.com/doc?28713)
• “Precision MELF Resistors”
(www.vishay.com/doc?28714)
• “High Precision MELF Resistor”
(www.vishay.com/doc?28715)
For products with superior pulse load capability, see the
datasheets:
• “High Pulse Load Carbon Film MINI-MELF Resistor”
(www.vishay.com/doc?28717)
• “High
Pulse
Load
Carbon
Film
MELF
Resistor”
(www.vishay.com/doc?28755)
Notes
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
(2) IEC 62474 database can be found at http://std.iec.ch/iec62474.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com