Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA0204HT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MMA0204HT
Description  Professional High Temperature MELF Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA0204HT Datasheet(HTML) 4 Page - Vishay Siliconix

  MMA0204HT Datasheet HTML 1Page - Vishay Siliconix MMA0204HT Datasheet HTML 2Page - Vishay Siliconix MMA0204HT Datasheet HTML 3Page - Vishay Siliconix MMA0204HT Datasheet HTML 4Page - Vishay Siliconix MMA0204HT Datasheet HTML 5Page - Vishay Siliconix MMA0204HT Datasheet HTML 6Page - Vishay Siliconix MMA0204HT Datasheet HTML 7Page - Vishay Siliconix MMA0204HT Datasheet HTML 8Page - Vishay Siliconix MMA0204HT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMA 0204 HT Professional
www.vishay.com
Vishay Beyschlag
Revision: 08-Jul-15
4
Document Number: 28780
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
0
-55
0.5
T
amb
High Temperature
Standard
Power
Derating for Operation Modes
-25
50
70
100
125
150
0.4
0.3
0.2
0.1
0.6
°C
W
175
025
100 µs
1 ms
10 ms
1
1 s
10 s
0.1
W
10 µs
100 ms
100
10
Single Pulse
Maximum pulse load, single pulse; applicable if
0 and n
≤ 1000 and ≤
max.;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration
i
t
P
U
U
100 µs
1 ms
10 ms
1
1 s
10 s
0.1
W
10 µs
100 ms
10
100
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if
≤ (ϑ
amb) and
≤
max.;
for permissible resistance change equivalent to 8000 h operation
P
U
P
U
Pulse Duration
i
t



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com