Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PSF
Description  Metal Film Resistors, High Precision, High Stability, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSF Datasheet(HTML) 1 Page - Vishay Siliconix

  PSF Datasheet HTML 1Page - Vishay Siliconix PSF Datasheet HTML 2Page - Vishay Siliconix PSF Datasheet HTML 3Page - Vishay Siliconix PSF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSF
www.vishay.com
Vishay Dale
Revision: 13-Jul-12
1
Document Number: 30162
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Film Resistors, High Precision, High Stability, Surface Mount
FEATURES
• Extremely
low
temperature
coefficient
of
resistance
• Molded encapsulation
• Wraparound compliant terminations eliminate
the risk of solder fillet cracking
• Solderable terminations
• Excellent stability at different environmental
conditions
• For axial-leaded product, see Vishay Dale’s
PTF datasheet (www.vishay.com/doc?31019)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
Notes
• Marking: Print-marked-model, value, tolerance, TC, date code.
• DSCC has created a drawing to support the need for a precision 2012-sized product. Vishay Dale is listed as a resource on this drawing as
follows:.
• This drawing can be reviewed at: www.landandmaritime.dla.mil/Programs/MilSpec/ListDwgs.aspx?DocTYPE=DSCCdwg.
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
INCH
POWER
RATING
P85 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
VDC
TEMPERATURE
COEFFICIENT
± ppm/°C
TOLERANCE
± %
RESISTANCE
RANGE
ENCAPSULATION
PSF2012
2012
0.125
200
5, 10, 15, 25
0.01, 0.02, 0.05,
0.1, 0.25, 0.5, 1
15 to 100K
Epoxy
PSF4527
4527
0.25
300
5, 10, 15, 25
0.01, 0.02, 0.05,
0.1, 0.25, 0.5, 1
15 to 500K
Thermoplastic
DSCC DRAWING
NUMBER
VISHAY DALE
MODEL
POWER RATING
P85 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAX. WORKING
VOLTAGE (1)
VDC
02001
PSF2012..1
0.125
15 to 100 K
0.01, 0.02, 0.05,
0.1, 0.25, 0.5, 1
5, 10
200
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
PSF2012
PSF4527
Rated dissipation at 85 °C
W
0.125
0.25
Limiting element voltage
V
200
300
Insulation voltage (1 min)
Veff
> 500
Thermal resistance
K/W
< 1300
< 520
Insulation resistance
 1011
Category temperature range
°C
- 55 to + 150
Failure rate
10-9/h
< 1
Weight/1000 pieces (typical)
g
90
760
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PSF201220K50BYTA (preferred part number format)
P
S
F
2012
2
0
K
5
0
B
Y
T
A
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
TEMP. COEFFICIENT
PACKAGING
SPECIAL
PSF2012
PSF4527
R =
K = k
15R00 = 15
1K000 = 1 k
500K0 = 500 k
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
Z = ± 5 ppm/°C
Y = ± 10 ppm/°C
X = ± 15 ppm/°C
E = ± 25 ppm/°C
0 = Special
EK = Lead (Pb)-free, bulk
EA = Lead (Pb)-free, T/R
Blank = Standard
(Dash number)
(Up to 2 digits)
From 1 to 99 as
applicable
BA = Tin/lead, bulk
TA = Tin/lead, T/R (full)
P x R


Similar Part No. - PSF

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSF-100 CUI-PSF-100 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-A CUI-PSF-100-A Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-B CUI-PSF-100-B Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-C CUI-PSF-100-C Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-D CUI-PSF-100-D Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
More results

Similar Description - PSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
Molded Metal Film Very High Stability and Precision Resistors
12-Sep-14
logo
Riedon Powertron
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
YAGEO Corporation
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
logo
Vishay Siliconix
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com