Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PSF
Description  Metal Film Resistors, High Precision, High Stability, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSF Datasheet(HTML) 2 Page - Vishay Siliconix

  PSF Datasheet HTML 1Page - Vishay Siliconix PSF Datasheet HTML 2Page - Vishay Siliconix PSF Datasheet HTML 3Page - Vishay Siliconix PSF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSF
www.vishay.com
Vishay Dale
Revision: 13-Jul-12
2
Document Number: 30162
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RESISTANCE
DERATING
Note
• Embossed carrier tape per EIA-481.
DIMENSIONS in inches (millimeters)
MODEL
L
H
T
W
W1
PSF2012
0.200 ± 0.020
(5.08 ± 0.508)
0.096 ± 0.015
(2.44 ± 0.381)
0.040 ± 0.010
(1.02 ± 0.254)
0.125 ± 0.005
(3.18 ± 0.127)
0.050 ± 0.005
(1.27 ± 0.127)
PSF4527
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
SOLDER PAD DIMENSIONS in inches (millimeters)
MODEL
A
B
L
PSF2012
0.085 (2.16)
0.070 (1.78)
0.080 (2.03)
PSF4527
0.155 (3.94)
0.230 (5.94)
0.205 (5.21)
W
L
T
H
W
1
l
a
b
200
150
100
50
0
0
0.5
1.0
1.5
2.0
POWER IN W
PSF2012
PSF4527
120
100
80
40
0
- 55
0
25
200
AMBIENT TEMPERATURE IN °C
60
20
- 25
175
150
125
100
75
50
85
MATERIAL SPECIFICATIONS
Element
Precision deposited nickel chrome alloy with controlled annealing
Encapsulation
Molded epoxy on the 2012 and molded thermoplastic on the 4527
Core
Fire-cleaned high purity ceramic
Termination
Standard leadframe material is solder-coated copper on the 2012 and solder-coated bronze on the 4527
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
PACKAGING CODE
LEAD (Pb)-FREE
LEAD (Pb)-BEARING
PSF2012
12 mm/embossed plastic
330 mm/13"
2000
EA
TA
PSF4527
24 mm/embossed plastic
330 mm/13"
1200
EA
TA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com