Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PSF
Description  Metal Film Resistors, High Precision, High Stability, Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PSF Datasheet(HTML) 3 Page - Vishay Siliconix

  PSF Datasheet HTML 1Page - Vishay Siliconix PSF Datasheet HTML 2Page - Vishay Siliconix PSF Datasheet HTML 3Page - Vishay Siliconix PSF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSF
www.vishay.com
Vishay Dale
Revision: 13-Jul-12
3
Document Number: 30162
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE COEFFICIENT OF RESISTANCE
Temperature coefficient (TC) of resistance is normally stated as the maximum amount of resistance change from the original + 25 °C value
as the ambient temperature increases or decreases. This is most commonly expressed in parts per million per degree centigrade (ppm/°C).
The resistance curve over the operating temperature range is usually a non-linear curve within predictable maximum limits. PSF resistors
have a very uniform resistance temperature characteristic when measured over the operating range of - 20 °C to + 85 °C. The standard
temperature coefficients available are
E = ± 25 ppm/°C, X = ± 15 ppm/°C, Y = ± 10 ppm/°C, and Z = ± 5 ppm/°C.
Some applications of the PSF require operation beyond the specifications of - 20 °C to + 85 °C. The change in temperature coefficient of
resistance is very small (less than ± 0.05 ppm/°C) over the expanded temperature range of - 55 °C to + 150 °C. Therefore, when operating
outside the range of - 20 °C to + 85 °C, the designer can plan for a worst case addition of ± 0.05 ppm/°C for each degree centigrade beyond
either - 20 °C or + 85 °C as indicated in the graph. This applies to all four temperature coefficient codes.
Example:
Assume the operating characteristics demand a temperature range from - 55 °C to + 125 °C. This requires a ± 35 °C
 below - 20 °C and
a ± 40 °C
 above + 85 °C. The extreme  being ± 40 °C means that the worst case addition to the specified TC limit of ± 0.05 ppm/°C
times ± 40 °C or ± 2 ppm/°C. Therefore, a Z which is characterized by a base TC limit of ± 5 ppm/°C over the temperature range of
- 20 °C to + 85 °C will exhibit a maximum temperature coefficient of ± 7 ppm/°C over the expanded portion of the temperature range of
- 55 °C to 125 °C.
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS
(TYPICAL TEST LOTS)
Life
MIL-STD-202, method 108, 1000 h rated power at + 85 °C
 ± 0.04 %
Short time overload
MIL-PRF-55342, paragraph 4.8.6
 ± 0.01 %
Thermal shock
MIL-STD-202, method 107, - 65 °C to + 150 °C
 ± 0.02 %
Low temperature operation
MIL-PRF-55342, paragraph 4.8.5
 ± 0.02 %
Resistance to bonding exposure
MIL-STD-202, method 210
 ± 0.02 %
Moisture resistance
MIL-PRF-55342, paragraph 4.8.9
 ± 0.08 %
Solder mounting integrity
MIL-PRF-55342, paragraph 4.8.13, 3 kg for 30 s
No evidence of mechanical damage
Dielectric withstanding voltage
MIL-STD-202, methods 301 and 105
 ± 0.01 %
Solderability
MIL-STD-202, method 208
95 % coverage
- 50
- 30
- 40
- 20
90
150
140
130
120
110
100
E, X, Y, OR Z
EXPANDED
OPERATING RANGE
+ 85 °C to + 150 °C
EXPANDED
OPERATING RANGE
- 55 °C to - 20 °C
- 20 °C to + 85 °C
BASE TC LIMIT
4
3
2
1
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com