Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5820 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5820
Description  DFNWB2X2-6L N-Channel MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5820 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5820 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE5820
DFNWB2X2-6L N-Channel
MOSFETS
VER 1.1
2
Ordering information
ACE5820 XX + H
Mosfet
Electrical Characteristics (Ta=25 OC unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =20V,VGS = 0V
1
uA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.35
1
V
Drain-source on-resistance(note 3)
RDS(on)
VGS =4.5V, ID =9.7A
11
mΩ
VGS =2.5V, ID =9A
13
mΩ
VGS =1.8V, ID =8.1A
16
mΩ
VGS =1.5V, ID =4.5A
22
mΩ
VGS =1.2V, ID =2.4A
41
mΩ
Forward tranconductance(note 3)
gFS
VDS =4V, ID =9.7A
20
S
Diode forward voltage (note 3)
VSD
IS=10A, VGS = 0V
1.2
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
VDS =4V,VGS =0V,f =1MHz
1800
pF
Output Capacitance
Coss
650
pF
Reverse Transfer Capacitance
Crss
450
pF
Gate Resistance
Rg
f=1MHz
2.5
Ω
LN : DFNWB2*2-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com