Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5820 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5820
Description  DFNWB2X2-6L N-Channel MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5820 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5820 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE5820
DFNWB2X2-6L N-Channel
MOSFETS
VER 1.1
1
Description
DFNWB2×2-6L parts are shipped
in tape . The carrier tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant, and anti–static sprayed agent . These reeled parts in
standard option are shipped with 3,000 units per 7” or 18.0cm diameter reel . The reels are clear in color
and is made of polystyrene plastic(anti-static coated).
Features
• Trench FET Power MOSFET
• Small package DFNWB2×2-6L
Applications
• Load Switch for Portable Applications
Absolute Maximum Ratings (Ta=25
℃ unless otherwise noted)
Packaging Type
DFNWB2*2-6L
N-Channel
Symbol Para
meter
Value
Unit
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±10
V
ID
Continuous Drain Current (note 1)
12
A
IDM
Collector Current-Pulse(Note3)
40
A
RθJA
Thermal Resistance from Junction to Ambient (note 2)
167
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
TL
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
260
℃


Similar Part No. - ACE5820

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5801 ACE-ACE5801 Datasheet
535Kb / 5P
P-Channel Power MOSFET
VER 1.2
ACE5801LN+H ACE-ACE5801LN+H Datasheet
535Kb / 5P
P-Channel Power MOSFET
VER 1.2
ACE5801 ACE-ACE5801_14 Datasheet
410Kb / 5P
P-Channel Power MOSFET
VER 1.2
ACE5807B ACE-ACE5807B Datasheet
598Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE5807BMN+H ACE-ACE5807BMN+H Datasheet
598Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE5820

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Hi-Sincerity Mocroelect...
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
N-Channel MOSFETs
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
ACE Technology Co., LTD...
ACE5830 ACE-ACE5830 Datasheet
485Kb / 6P
DFNWB2X2-6L N-Channel MOSFETS
VER 1.1
logo
Shenzhen Tuofeng Semico...
8820A TUOFENG-8820A Datasheet
3Mb / 5P
DFN-2x3-6L Plastic-Encapsulate MOSFETS
Feb,2018 V1.0
TFD120N02 TUOFENG-TFD120N02 Datasheet
3Mb / 5P
DFN-2x3-6L Plastic-Encapsulate MOSFETS
Jun 2022 V1.0
logo
Nanjing International G...
NJ7002KDM DGNJDZ-NJ7002KDM Datasheet
2Mb / 5P
SOT-23 -6L Plastic-Encap sulate MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com