Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5820 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE5820
Description  DFNWB2X2-6L N-Channel MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5820 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE5820 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5820 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACE5820
DFNWB2X2-6L N-Channel
MOSFETS
VER 1.1
3
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
VGEN=4.5V,VDD=4V,
ID=10A,Rg=1
Ω RL=0.4Ω
12
20
ns
Turn-on rise time
Tr
10
15
ns
Turn-off delay time
td(off)
65
100
ns
Turn-off fall time
Tf
20
30
ns
Total Gate Charge
Qg
VDS=4V,VGS=5V ID=10A
32
nC
Gate-Source Chage
Qgs
2.5
nC
Gage-Drain Charge
Qgd
6.5
nC
Notes:
1.Surface mounted on FR4 board using 1 square inch pad size,1oz copper.
2.Surface mounted on FR4 board using the minimum pad size,1oz copper.
3.
Pulse test : Pulse width=300μs, duty cycle≤2%.
4. These parameters have no way to verify.
DFNWB2X2-6L Tapeand Reel
DFNWB2X2-6L Embossed Carrier Tape
A
-
A
Dimensions are in millimeter
Pkg type
a
B
C
d
E
F
P0
P
P1
W
DFNWB2X2-6L
2.30
2.30
1.10
∅1.50 1.75 3.50 4.00 4.00 2.00 8.00
DFNWB2X2-6L Tape Leader and Trailer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com