Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE8205A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE8205A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8205A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE8205A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE8205A
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
3
Electrical Characteristics (TA=25 OC unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
21
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=19.5V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 2)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.7
1.2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=4.5A
-
21
27
m
Ω
VGS=2.5V, ID=3.5A
-
27
37
m
Ω
Forward Transconductance
gFS
VDS=5V,ID=4.5A
-
10
-
S
Dynamic Characteristics
(Note3)
Input Capacitance
Clss
VDS=8V,VGS=0V,
F=1.0MHz
-
600
-
PF
Output Capacitance
Coss
-
330
-
PF
Reverse Transfer Capacitance
Crss
-
140
-
PF
Switching Characteristics
(Note 3)
Turn-on Delay Time
td(on)
VDD=10V,ID=1.0A
VGS=4.5V,RGEN=6Ω
-
10
20
nS
Turn-on Rise Time
tr
-
11
25
nS
Turn-Off Delay Time
td(off)
-
35
75
nS
Turn-Off Fall Time
tf
-
30
60
nS
Total Gate Charge
Qg
VDS=10V,ID=6A
VGS=4.5V
-
10
15
nC
Gate-Source Charge
Qgs
-
2.3
-
nC
Gate-Drain Charge
Qgd
-
1.5
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 2)
VSD
VGS=0V,IS=1.7A
-
0.75
1.2
V
Diode Forward Current
(Note 1)
IS
-
-
1.7
A
Notes:
1.
Surface Mounted on FR4 Board, t ≤ 10 sec.
2. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
3. Guaranteed by design, not subject to production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com