Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE8205A Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE8205A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8205A Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE8205A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACE8205A
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
7
TSSOP-8 Package Information
Symbol
Dimensions In Millimeters
Mi
n
Ma
x
D
2.900
3.100
E
4.300
4.500
b
0.190
0.300
c
0.090
0.200
E1
6.250
6.550
A
1.100
A2
0.800
1.000
A1
0.020
0.150
e
0.65(BSC
)
L
0.500
0.700
H
0.25(TYP
)
Θ
1°
7°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com