Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE8205A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE8205A
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8205A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE8205A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE8205A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE8205A
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
The ACE8205A uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in
other Switching application. It is ESD protected.
ACE8205A is electrically identical.
- RoHS Compliant
Features
V
DS (V) = 20V
ID = 6 A
RDS(ON)< 37mΩ (VGS = 2.5V)
RDS(ON)< 27mΩ (VGS = 4.5V)
High power and current handing capability
Lead free product is acquired
Surface mount package
Applications
Battery protection
Load switch
Power management
Absolute Maximum Ratings
(TA=25℃ unless otherwise noted)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±10
V
Drain Current-Continuous
ID
6
A
Drain Current-Pulsed
(Note 1)
IDM
25
A
Maximum Power Dissipation
P
D
1.5
W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Resistance, Junction-to-Ambient
(Note 2)
RθJA
83
℃/W


Similar Part No. - ACE8205A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE8202B ACE-ACE8202B Datasheet
651Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TLNN+H ACE-ACE8204TLNN+H Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
More results

Similar Description - ACE8205A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com