Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9060M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE9060M
Description  N-Channel 60-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE9060M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE9060M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE9060M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE9060M
N-Channel 60-V MOSFET
VER 1.1
1
Description
ACE9060M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• Automotive Systems
• DC/DC Conversion Circuits
• Battery Powered Power Tools
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
90
A
Pulsed Drain Current
b
IDM
240
Continuous Source Current (Diode Conduction)
a
IS
90
A
Power Dissipation
a
TC=25°C
PD
300
W
Operating Junction and Storage Temperature Range TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol Maximum Unit
Maximum Junction-to-Ambient
RθJA
62.5
°C/W
Maximum Junction-to-Case
RθJC
1
Notes
A .Package Limited.
B. Pulse width limited by maximum junction temperature


Similar Part No. - ACE9060M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE9006M ACE-ACE9006M Datasheet
492Kb / 7P
N-Channel 60-V (D-S) MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
P-Channel 60-V MOSFET
VER 1.1
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
Receiver and Transmitter Interface
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
Radio Interface and Twin Synthesiser
More results

Similar Description - ACE9060M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1106M ACE-ACE1106M Datasheet
457Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2006M ACE-ACE2006M Datasheet
536Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2358M ACE-ACE2358M Datasheet
460Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2398M ACE-ACE2398M Datasheet
448Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
60 V, N-channel Trench MOSFET
13 May 2019
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
60 V, N-channel Trench MOSFET
14 December 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com