Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8941AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8941AP Datasheet HTML 10Page - Mitel Networks Corporation MT8941AP Datasheet HTML 11Page - Mitel Networks Corporation MT8941AP Datasheet HTML 12Page - Mitel Networks Corporation MT8941AP Datasheet HTML 13Page - Mitel Networks Corporation MT8941AP Datasheet HTML 14Page - Mitel Networks Corporation MT8941AP Datasheet HTML 15Page - Mitel Networks Corporation MT8941AP Datasheet HTML 16Page - Mitel Networks Corporation MT8941AP Datasheet HTML 17Page - Mitel Networks Corporation MT8941AP Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
CMOS
MT8941
3-59
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Please review the section on "Jitter Performance and Lock-in Range".
Figure 17 - Master Clock Inputs
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 18 - External Inputs on C4b and F0b for the DPLL #2
AC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated. (Refer to Figure 14)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
C
L
O
C
K
S
Master clocks input rise time
tr
10
ns
2
Master clocks input fall time
tf
10
ns
3
Master clock period
(12.352MHz)*
tP12
80.943
80.958
80.974
ns
For DPLL #1, while operating to
provide the T1 clock signal.
4
Master clock period
(16.384MHz)*
tP16
61.023
61.035
61.046
ns
For DPLL #2, while operating to
provide the CEPT and ST-BUS
timing signals.
5
Duty Cycle of master clocks
45
50
55
%
6
Lock-in Range
DPLL #1
DPLL #2
-2.33
-1.69
+2.33
+1.69
Hz
With the Master frequency
tolerance at ±32 ppm.
AC Electrical Characteristics†- Voltages are with respect to ground (V
SS) unless otherwise stated. (Refer to Figure 18)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1F0b input pulse width (LOW)
tWFP
244
ns
2C4b input clock period
tP4o
244
ns
3
Frame pulse (F0b) setup time
tFS
50
ns
4
Frame pulse (F0b) hold time
tFH
25
ns
Master clock
inputs
2.4 V
1.5 V
0.4 V
tr
tf
tP12 or tP16
F0b
C4b
VIH
VIL
VIH
VIL
tFS
tWFP
tFH
tP4o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com