Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8941AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8941AP Datasheet HTML 2Page - Mitel Networks Corporation MT8941AP Datasheet HTML 3Page - Mitel Networks Corporation MT8941AP Datasheet HTML 4Page - Mitel Networks Corporation MT8941AP Datasheet HTML 5Page - Mitel Networks Corporation MT8941AP Datasheet HTML 6Page - Mitel Networks Corporation MT8941AP Datasheet HTML 7Page - Mitel Networks Corporation MT8941AP Datasheet HTML 8Page - Mitel Networks Corporation MT8941AP Datasheet HTML 9Page - Mitel Networks Corporation MT8941AP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MT8941 CMOS
3-48
The operation of DPLL #2 in SINGLE CLOCK-1
mode is identical to SINGLE CLOCK-2 mode,
providing the CEPT and ST-BUS compatible timing
signals synchro-nized to the internal 8 kHz signal
obtained from DPLL#1 in DIVIDE mode.
When
SINGLE CLOCK-1 mode is selected for DPLL #2, it
automatically selects the DIVIDE-1 mode for DPLL
#1, and thus, an external 1.544 MHz clock signal
applied at CVb (pin 21) is divided by DPLL #1 to
generate the internal signal at 8 kHz on to which
DPLL #2 locks.
Similarly when SINGLE CLOCK-2
mode is selected, DPLL #1 is in DIVIDE-2 mode,
with an external signal of 2.048 MHz providing the
internal 8 kHz signal to DPLL #2.
In both these
modes, this internal signal is available on C8Kb (pin
10) and DPLL #2 locks to the falling edge to provide
the CEPT and ST-BUS compatible timing signals.
This is in contrast to the Normal mode where these
timing signals are synchronized with the falling edge
of the 8 kHz signal on C8Kb.
Minor modes of DPLL #2
The minor modes for DPLL #2 depends upon the
status of the mode select bits MS2 and MS3 (pins 7
and 17).
Table 4. Summary of Modes of Operation - DPLL #1 and #2
Mode
#
M
S
0
M
S
1
M
S
2
M
S
3
Operating Modes
DPLL #1
DPLL #2
0
000
0
NORMAL MODE:
Provides the T1 (1.544 MHz) clock
synchronized to the falling edge of the input
frame pulse (F0i).
Properly phase related External 4.096 MHz
clock and 8 kHz frame pulse provide the ST-
BUS clock at 2.048 MHz.
1
0
0
0
1
NORMAL MODE
NORMAL MODE:
F0b is an input but has no function in this mode.
2
001
0
NORMAL MODE
External 4.096 MHz provides the ST-BUS clock
and Frame Pulse at 2.048 MHz and 8 kHz,
respectively.
3
001
1
NORMAL MODE
NORMAL MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz input signal (C8Kb).
4
0
1
0
0
DIVIDE-1 MODE
Same as mode ‘0’.
5
0
1
0
1
DIVIDE-1 MODE
SINGLE CLOCK-1 MODE
F0b is an input but has no function in this mode.
6
0
1
1
0
DIVIDE-1 MODE
Same as mode 2.
7
011
1
DIVIDE-1 MODE:
Divides the CVb input by 193. The divided
output is connected to DPLL #2.
SINGLE CLOCK-1 MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz internal signal
provided by DPLL #1.
8
1
0
0
0
NORMAL MODE
Same as mode ‘0’.
9
100
1
NORMAL MODE
F0b is an input and DPLL #2 locks on to
it only if it is at 16 kHz to provide the ST-BUS
control signals.
10
1
0
1
0
NORMAL MODE
Same as mode 2.
11
101
1
NORMAL MODE
FREE-RUN MODE:
Provides the ST-BUS timing signals with no
external inputs except the master clock.
12
1
1
0
0
DIVIDE-2 MODE
Same as mode ‘0’.
13
110
1
DIVIDE-2 MODE
SINGLE CLOCK-2 MODE:
F0b is an input but has no function in this mode.
14
1
1
1
0
DIVIDE-2 MODE
Same as mode 2.
15
111
1
DIVIDE-2 MODE:
Divides the CVb input by 256. The divided
output is connected to DPLL#2.
SINGLE CLOCK-2 MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz internal signal
provided by DPLL #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com