Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8941AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8941AP
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8941AP Datasheet HTML 1Page - Mitel Networks Corporation MT8941AP Datasheet HTML 2Page - Mitel Networks Corporation MT8941AP Datasheet HTML 3Page - Mitel Networks Corporation MT8941AP Datasheet HTML 4Page - Mitel Networks Corporation MT8941AP Datasheet HTML 5Page - Mitel Networks Corporation MT8941AP Datasheet HTML 6Page - Mitel Networks Corporation MT8941AP Datasheet HTML 7Page - Mitel Networks Corporation MT8941AP Datasheet HTML 8Page - Mitel Networks Corporation MT8941AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MT8941 CMOS
3-44
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
DIP
PLCC
11
ENCV Variable clock enable (TTL compatible input) - This input directly controls the three states
of CV (pin 22) under all modes of operation. When HIGH, enables CV and when LOW, puts
it in high impedance condition. It also controls the three states of CVb signal (pin 21) if MS1
is LOW. When ENCV is HIGH, the pin CVb is an output and when LOW, it is in high
impedance state. However, if MS1 is HIGH, CVb is always an input.
22
MS0
Mode select ‘0’ input (TTL compatible) - This input in conjunction with MS1 (pin 4) selects
the major mode of operation for both DPLLs. (Refer to Tables 1 and 2.)
33
C12i
12.352 MHz Clock input (TTL compatible) - Master clock input for DPLL #1.
46
MS1
Mode select-1 input (TTL compatible) - This input in conjunction with MS0 (pin 2) selects
the major mode of operation for both DPLLs. (Refer to Tables 1 and 2.)
57
F0i
Frame pulse input (TTL compatible) - This is the frame pulse input at 8 kHz. DPLL #1
locks to the falling edge of this input to generate T1 (1.544 MHz) clock.
68
F0b
Frame pulse Bidirectional (TTL compatible input and Totem-pole output) - Depending
on the minor mode selected for DPLL #2, it provides the 8 kHz frame pulse output or acts as
an input to an external frame pulse.
79
MS2
Mode select-2 input (TTL compatible) - This input in conjunction with MS3 (pin 17) selects
the minor mode of operation for DPLL #2. (Refer to Table 3.)
810C16i
16.384 MHz Clock input (TTL compatible) - Master clock input for DPLL #2.
911
ENC4o Enable 4.096 MHz clock (TTL compatible input) - This active high input enables C4o (pin
11) output. When LOW, the output C4o is in high impedance condition.
10
12
C8Kb
Clock 8 kHz Bidirectional (TTL compatible input and Totem-pole output) - This is the 8
kHz input signal on the falling edge of which the DPLL #2 locks during its NORMAL mode.
When DPLL #2 is in SINGLE CLOCK mode, this pin outputs an 8 kHz internal signal
provided by DPLL #1 which is also connected internally to DPLL #2.
11
13
C4o
Clock 4.096 MHz (Three state output) - This is the inverse of the signal appearing on pin
13 (C4b) at 4.096 MHz and has a rising edge in the frame pulse (F0b) window. The high
impedance state of this output is controlled by ENC4o (pin 9).
12
14
VSS
Ground (0 Volt)
28 PIN PLCC
24 PIN PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
ENVC
MS0
C12i
MS1
F0i
F0b
MS2
C16i
ENC4o
C8Kb
C4o
VSS
VDD
RST
CV
CVb
Yo
Bi
Ai
MS3
ENC2o
C2o
C2o
C4b
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
CVb
Yo
Bi
Ai
MS3
ENC2o
NC
MS1
F0i
F0b
MS2
C16i
ENC4o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com