Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3013 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS3013
Description  4 LED controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3013 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS3013 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSI
LS3013
Preliminary specification
4 LED controller
Features
* 4 LED direct drive
* 6 input.
* 256 word program control.
* 16 x 4 bit RAM.
* Low power consumption
* 32768 Crystal oscillator/RC oscillator
* 3.0V/1.5V operation.
General Description
The LS3013 is a simple micro-controller for LED application. Internal ROM of 256x10, RAM
16x4. It has 4 direct LED output. All output can be mask option as CMOS/NMOS open drain output.
Oscillator is RC or Crystal selected by mask option.
Functional Description
1. RC Oscillator /Crystal
The LS3013 can use either a crystal oscillator or RC oscillator to provide the internal timing by
bonding option.
2. Program ROM
The LS3013 has internal 256x12 bit ROM providing simple operation.
3. Interrupt Control
The LS3013 has 5 different sources of interrupt, namely, POWERUP, F4HZ, F16HZA, F16HZS and
F1HZ. The starting address of the interrupt are as follow :
Interrupt
Address
POWERUP
0xff
F1HZ
0xfe
F4HZ
0xfc
F16HZA
0xf9
F16HZS
0xf2
The system generates 16 interrupts for F16HZS in one second but only 11 interrupts for F16HZA.
The other 5 interrupts goes to F4HZ (4) and F1HZ (1) interrupts.
3. Program RAM


Similar Part No. - LS3013

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS301 LINEAR-LS301 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS301 MICROSS-LS301 Datasheet
276Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
logo
Linear Integrated Syste...
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
BOWIN ELECTRONIC CO.
LS3010 BOWIN-LS3010 Datasheet
38Kb / 5P
LED 4-bit MCU
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
More results

Similar Description - LS3013

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
4-Channel LED Current Balance Controller
logo
Richtek Technology Corp...
RT6030 RICHTEK-RT6030 Datasheet
175Kb / 10P
4-CH LED Current Source Controller
logo
Linear Technology
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
Multidisplay LED Controller
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
ams AG
AS3696 AMSCO-AS3696 Datasheet
1Mb / 17P
4 channel white LED controller for 3D
logo
ELM Technology Corporat...
ELM916DB ELM-TECH-ELM916DB Datasheet
891Kb / 6P
600V LED controller
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com