Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3013 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS3013
Description  4 LED controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3013 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS3013 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LSI
LS3013
2
The system has 16x4bit of program RAM (00H to 0fH) with IO address as follows.
Address
Description
Initialize
0-0xbh
RAM
undefined
0xch
Beep Control Register
0
0xdh
RAM
0
0xeh
S1,S2,S3,S4
0
4. LED driver
The system has 4 LED pad.
The LED pad can either be an open drain NMOS output or CMOS output by mask option.
Note that : writing a 1 to the above address will cause the corresponding LED to turn on (NMOS
driver) thus equivalent to a low level signal on the output pad.
5. Mask option
Name
Description
FSYSPRB
Power Up Control
6. INA Address
INA ADDRESS
Description
#0
I[0-3] at D[0:3]
#1
I[4:5] at D[0:1], D[2:3] always 0
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comment
Stress above those listed under absolute Maximum Ratings”
may
cause permanent damage to the device.
These are stress rating only.
Functional operation of this device at these or any other conditions above
those indicated in the operational sections
of this specification is not
implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com