Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3013 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # LS3013
Description  4 LED controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3013 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  LS3013 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3013 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LSI
LS3013
4
3013V001
GND
I1
I5
OI
OO
PB
RI
RO
VDD
VEE
I2
I3
S1
S2
S3
S4
100K
ENABLE / DISABLE
LED OUTOUT
Mode Key
Four Output Port
Bonding Option Pin
Bonding Option Pin
SUBSTRATE TO VDD
3.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com