Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6022 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6022
Description  Dual display Real time clock with Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6022 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6022 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LSI
LS6022
Version 1.1 (18.11.00)
2
Functional Description
Counting Range
The LS6022 is a count down timer with 4 digit display HH:MM at the upper display and a real time
clock at the lower display.
The maximum count down range is 19 Hour 59 minutes or 15Hour 59
minutes selected by bonding option.
Four key operation
The LS6022 support 4 keys : KSET, KST, KHR, KMIN.
The LS6022 display the clock on the lower display and is always on. When the timer is in-active for 1
minute, the timer display(upper) is off. Press any of the KST, KHR, KMIN will wake up the timer.
When the timer is wake-up,
Press KMIN to set the counting minute.
Press KHR to set the counting hour.
Press KST to start the count down.
When the system is counting, press Kstart will pause the counting.
Press Kstart again to resume counting.
At any time, press KSET to enter set clock mode,
Press KMIN to set the real time clock minute.
Press KHR to set the real time clock hour.
System Reset
When KHR and KMIN is pressed simultaneously, the timer resets to 0:00.
Pre-alarm
At 10minutes, 5minutes before the alarm time, the system gives two pre-alarm signal.
Auto-off
When there is no activities for 1 minute, the system will automatically power off the LCD.
Press any key will wake up the system again.
Bonding Option
There are 3 bonding option the control the LS6022, BKEYTONE, BUP, B1519
BKEYTONE
Description
VDD
With keytone
GND
No keytone
BUP
Description
VDD
20 minute count up at end of count
GND
Stop at 0 at end of count
B1519
Description
VDD
15 Hour
GND
19 Hour



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com