Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6022 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS6022
Description  Dual display Real time clock with Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6022 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS6022 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LSI
LS6022
Version 1.1 (18.11.00)
3
Trigger output
When the timer counts down to 0, R0 will provide a trigger output. The output duration is 1 minute if
no key is pressed during this 1 minute.
The trigger output can be aborted by pressing any key during
this 1 minute interval.
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
F512, VCAP
OUTPUT
Doubler output
VEE
OUTPUT
-1.5V
T1, T2,
XT7,
XT8, XT9, XT10, XT11
INPUT
TEST pin
COSCO
OUTPUT
32KHz oscillator output
COSCI
INPUT
32KHz oscillator input
VDD
POWER
+1.5V power supply
GND
POWER
Ground
BKEYTONE,B1519, BUP
INPUT(PH)
Bonding option
KST,KSET, KMIN, KHR
INPUT(PH)
Input key
PB
INPUT(PH)
Power up reset
C[1:3]
OUTPUT
LCD Common output
S[1:16]
OUTPUT
LCD Segment output
Note: (PH) - pull high;
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress above those listed under absolute Maximum Ratings”
may cause permanent damage
to the device.
These are stress rating only.
Functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied
and exposure to absolute maximum rating conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com