Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6022 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # LS6022
Description  Dual display Real time clock with Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6022 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  LS6022 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6022 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LSI
LS6022
Version 1.1 (18.11.00)
4
D.C. Electrical Characteristics
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
1.2
1.5
1.8
V
Operating current
Idd
-
2
5
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=1.6-1.4
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
Pad Coordinate
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
GND
VCAP
VEE
V512
C3
C2
C1
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1295.0
-1303.0
-1163.0
-1023.0
-883.0
-1394.0
-1251.0
-1110.0
-965.0
-825.0
-685.0
-545.0
-400.0
-260.0
-120.0
+20.0
+160.0
+300.0
+440.0
+580.0
+720.0
+860.0
+1000.0
+1140.0
+1350.0
+1350.0
+1350.0
+1350.0
PB
R2
R1
R0
OSCO
OSCI
T1
GND1
B1
B0
VDD
T2
B1519
BKEYTONE
XT7
BUP
KSTART
KSET
KHR
KMIN
XT8
XT9
XT10
XT11
-743.0
-593.0
-449.0
-225.0
-75.0
+1105.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1246.0
+1350.0
+1350.0
+1350.0
+1350.0
+1350.0
+1340.0
+1340.0
+1140.0
+988.0
+678.0
+543.0
+395.0
+226.0
+78.0
-70.0
-216.0
-365.0
-513.0
-661.0
-809.0
-957.0
-1105.0
-1253.0
-1400.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com