Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9079AC Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT9079AC
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AC Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT9079AC Datasheet HTML 26Page - Mitel Networks Corporation MT9079AC Datasheet HTML 27Page - Mitel Networks Corporation MT9079AC Datasheet HTML 28Page - Mitel Networks Corporation MT9079AC Datasheet HTML 29Page - Mitel Networks Corporation MT9079AC Datasheet HTML 30Page - Mitel Networks Corporation MT9079AC Datasheet HTML 31Page - Mitel Networks Corporation MT9079AC Datasheet HTML 32Page - Mitel Networks Corporation MT9079AC Datasheet HTML 33Page - Mitel Networks Corporation MT9079AC Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MT9079
4-266
Bit
Name
Functional Description
7EBI
(0)
Receive
E-bit
Interrupt.
When
unmasked an interrupt is initiated
when a receive E-bit
indicates a
remote CRC-4 error. 1 - unmasked, 0
-
masked.
Interrupt
vector
=
00100000.
6
CRCI
(0)
CRC-4
Error
Interrupt.
When
unmasked an interrupt is initiated
when a local CRC-4 error occurs. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00100000.
5
CEFI
(0)
Consecutively Errored FASs Inter-
rupt. When unmasked an interrupt is
initiated
when
two
consecutive
errored frame alignment signals are
received. 1 - unmasked, 0 - masked.
Interrupt vector = 00100000.
4
BPVI
(0)
Bipolar
Violation
Interrupt.
When
unmasked an interrupt is initiated
when a bipolar violation error occurs.
1 - unmasked, 0 - masked. Interrupt
vector = 00100000.
3
RCRI
(0)
RAI and Continuous CRC Error Inter-
rupt. When unmasked an interrupt is
initiated when the RAI and continu-
ous CRC error counter is incre-
mented. 1 - unmasked, 0 - masked.
Interrupt vector = 00100000.
2
BERI
(0)
Bit Error Interrupt. When unmasked
an interrupt is initiated when a bit
error occurs. 1 - unmasked, 0 -
masked.
Interrupt
vector
=
00100000.
1
---
Unused.
0
SIGI
(0)
Signalling (CAS)
Interrupt.
When
unmasked and any of the receive
ABCD bits of any channel changes
state an interrupt is initiated. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00000001
Table 37 - Interrupt Mask Word One
(Page 1, Address 1CH)
Bit
Name
Functional Description
7EBO
(0)
Receive
E-bit
Counter
Overflow
Interrupt. When unmasked an inter-
rupt is initiated when the E-bit error
counter changes form FFH to 0H. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00010000.
6CRCO
(0)
CRC-4 Error Counter Overflow Inter-
rupt. When unmasked an interrupt is
initiated
when
the
CRC-4
error
counter changes form FFH to 0H. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00010000.
5
CALNI
(0)
CRC-4 Alignment Interrupt. When
unmasked an interrupt is initiated
when the CALN status bit of page 3,
address 12H changes state. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00001000.
4FERO
(0)
Frame
Alignment
Signal
Error
Counter Overflow Interrupt. When
unmasked an interrupt is initiated
when the frame alignment signal
error counter changes form FFH to
0H. 1 - unmasked, 0 - masked. Inter-
rupt vector = 00010000.
3RCRO
(0)
RAI and Continuous CRC-4 Error
Counter Overflow Interrupt. When
unmasked an interrupt is initiated
when the RAI and Continuous error
counter changes form FFH to 0H. 1 -
unmasked, 0 - masked. Interrupt vec-
tor = 00010000.
2
BERO
(0)
Bit Error Counter Overflow Interrupt.
When unmasked an interrupt is initi-
ated when the bit error counter
changes
form
FFH
to
0H.
1
-
unmasked, 0 - masked. Interrupt vec-
tor = 00010000.
1
AUXPI
(0)
Auxiliary
Pattern
Interrupt.
When
unmasked an interrupt is initiated
when the AUXP status bit of page 3,
address
15H
goes
high.
1
-
unmasked, 0 - masked. Interrupt vec-
tor = 01000000.
0
---
Unused.
Table 38 - Interrupt Mask Word Two
(Page 1, Address 1DH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com